| Electronic Components Datasheet Search |
|
PL75MCS-201 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PL75MCS-201 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 141 page ![]() R Trompeter Products Catalog - T21 Military/Aerospace ISO 9001 Registered (800) 982-2629 Fax: (818) 706-1040 www.trompeter.com 7 Twinax/triax connector introductions Twinax/Triax Connectors Signals require protection from extraneous noise through non-signal carrying shielding. These interfacing connec- tors must provide contact surfaces isolated from each other, as well as from the outer shield. Trompeter twinaxial/triaxial connectors are designed with two (2) concentric contacts that are isolated from each other and the shielding connection. Features ▲ All metallic parts are machined/formed to extremely close tolerances. ▲ All bodies are made of top quality brass with bright nickel- plated, non-tarnish finish. ▲ Fully enclosed, heat-treated, beryllium-copper outer conductor spring (not half hard slotted brass) a patented feature! ▲ Heat-treated, beryllium-copper center socket contact with 50 millionths inch gold plating. These concentric twinax/triax connectors are ideal for applications where weight is not a primary concern. They are commonly used in digital data bus, video pair, MIL- STD-1553B (airborne/ground, primary/redundant), base- band circuit and any application for "noise-free guarded" circuits. 70 Series Miniature 2, 3, 4 lug, and Push-on (TRB) 370 Series Miniature Threaded (TRT) Features ▲ Same size as BNC/TNC connectors. Large body versions are available to accommodate larger cables. ▲ Field serviceable, wrench crimp versions for cables with up to .475" outer diameters. ▲ Tool crimp versions for quick termination of cables with up to .250" outer diameters. ▲ 3-lug, 4-lug, and threaded versions provide different levels of mechanical stability and keying. ▲ Does not require mechanical alignment for mating. ▲ QPL'd to MIL-C-49142 (see list on page 8). ▲ Meets MIL-C-49142, 48-hour salt spray requirement. ▲ Special plating available to satisfy MIL-STD-1344, 500-hour salt spray requirement. ▲ Push-on versions for test cable applications. ▲ Fewer pieces to assemble. ▲ Hermetically sealed versions are available (page 13). Built to Last Premium Quality Superior Mechanical Performance Rugged Physical Properties Extreme Reliability |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |