Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF450/61 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF450/61
Description  13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF450/61 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF450/61 Datasheet HTML 1Page - Solid States Devices, Inc SFF450/61 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFF450/61

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF450 SSDI-SFF450 Datasheet
209Kb / 2P
12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF450C SSDI-SFF450C Datasheet
203Kb / 2P
13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
SFF450M SSDI-SFF450M Datasheet
125Kb / 3P
13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
SFF450Z SSDI-SFF450Z Datasheet
125Kb / 3P
13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
More results

Similar Description - SFF450/61

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF440M SSDI-SFF440M Datasheet
218Kb / 2P
8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF450 SSDI-SFF450 Datasheet
209Kb / 2P
12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF450M SSDI-SFF450M Datasheet
125Kb / 3P
13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
SFF450C SSDI-SFF450C Datasheet
203Kb / 2P
13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
SFF430-5 SSDI-SFF430-5 Datasheet
223Kb / 2P
4.5 AMP 500 Volts 1.6 OHM N-Channel POWER MOSFET
SFF24N50M SSDI-SFF24N50M Datasheet
54Kb / 3P
24 AMP / 500 Volts 0.2 OHM N-Channel POWER MOSFET
SFF20N60M SSDI-SFF20N60M Datasheet
239Kb / 2P
20 AMP / 600 Volts 0.40 ohm N-Channel Power MOSFET
SFF20N60N SSDI-SFF20N60N Datasheet
220Kb / 2P
20 AMP / 600 Volts 0.40 ohm N-Channel Power MOSFET
SFF16N60NC SSDI-SFF16N60NC Datasheet
332Kb / 2P
16.5 AMP / 600 Volts 0.40 ohm N-Channel Power MOSFET
SFF420J SSDI-SFF420J Datasheet
195Kb / 2P
2.5 AMP 500 VOLTS 3.0 ohm N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com