Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5223D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5223D
Description  Wide dynamic range AGC transimpedance amplifier 150MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5223D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5223D Datasheet HTML 4Page - NXP Semiconductors SA5223D Datasheet HTML 5Page - NXP Semiconductors SA5223D Datasheet HTML 6Page - NXP Semiconductors SA5223D Datasheet HTML 7Page - NXP Semiconductors SA5223D Datasheet HTML 8Page - NXP Semiconductors SA5223D Datasheet HTML 9Page - NXP Semiconductors SA5223D Datasheet HTML 10Page - NXP Semiconductors SA5223D Datasheet HTML 11Page - NXP Semiconductors SA5223D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
SA5223
Wide dynamic range AGC transimpedance amplifier(150MHz)
1995 Oct 24
8
28.00
26.00
24.00
22.00
20.00
18.00
16.00
-50
-25
0
25
50
75
100
TEMPERATURE (
°C)
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
SD00527
Figure 4. SA5223 ICC vs Temperature
1.900
-50
-25
0
25
50
75
100
TEMPERATURE (
°C)
1.800
1.700
1.600
1.500
1.400
1.300
1.200
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
SD00528
Figure 5. SA5223 Input VBIAS vs Temperature
3.800
-50
-25
0
25
50
75
100
TEMPERATURE (
°C)
3.600
3.400
3.200
3.000
2.800
2.600
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
SD00529
Figure 6. SA5223 Output VBIAS vs Temperature
100
-50
-25
0
25
50
75
100
TEMPERATURE (
°C)
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
90
80
70
60
50
40
VOS = (IIN = 0) = VOUT – VOUT
RL = INFINITY
SD00530
Figure 7. SA5223 Output VOS vs Temperature
3.500
0
1
2
345
6
DC INPUT CURRENT (
µA)
VOUT
VOUT
3.400
3.300
3.200
3.100
3.000
2.900
7
89
10
RL = INFINITY
VCC = 5.0V, Temperature = 25°C
SD00531
Figure 8. SA5223 Output Voltage vs DC Input Current
(for small input current)
4.200
1
10
100
1000
10000
DC INPUT CURRENT (
µA LOG)
VOUT
4.000
3.800
3.600
3.400
3.200
3.000
2.800
2.600
2.400
2.200
2.000
RL = INFINITY
VCC = 5.0V, Temperature = 25°C
SD00532
VOUT
Figure 9. SA5223 Output Voltage vs DC Input Current
(for large input current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com