Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5224 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5224
Description  FDDI fiber optic postamplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5224 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5224 Datasheet HTML 1Page - NXP Semiconductors SA5224 Datasheet HTML 2Page - NXP Semiconductors SA5224 Datasheet HTML 3Page - NXP Semiconductors SA5224 Datasheet HTML 4Page - NXP Semiconductors SA5224 Datasheet HTML 5Page - NXP Semiconductors SA5224 Datasheet HTML 6Page - NXP Semiconductors SA5224 Datasheet HTML 7Page - NXP Semiconductors SA5224 Datasheet HTML 8Page - NXP Semiconductors SA5224 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
SA5224
FDDI fiber optic postamplifier
2
1998 Oct 07
853-1594 20141
DESCRIPTION
The SA5224 is a high-gain limiting amplifier that is designed to
process signals from fiber optic preamplifiers. Capable of operating
at 125Mb/s, the chip is FDDI compatible and has input signal
level-detection with a user-adjustable threshold. The DATA and
LEVEL-DETECT outputs are differential for optimum noise margin
and ease of use. Also available is the SA5225 which is an ECL 10K
version of the SA5224.
FEATURES
• Wideband operation: 1.0kHz to 120MHz typical
• Applicable in 155Mb/s OC3/SONET receivers
• Operation with single +5V or –5.2V supply
• Differential 100k ECL outputs
• Programmable input signal level-detection
• Fully differential for excellent PSRR to 1GHz
PIN DESCRIPTION
D Package
CAZN
CAZP
GNDA
DIN
DOUT
DOUT
VREF
VSET
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
DIN
CF
JAM
VCCA
VCCE
GNDE
ST
ST
SD00374
Figure 1. Pin Configuration
APPLICATIONS
• FDDI
• Data communication in noisy industrial environments
• LANs
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Small Outline (SO) package
–40 to +85
°C
SA5224D
SOT109-1
BLOCK DIAGRAM
(6)
(2)
(1)
(16)
(13)
(12)
(8)
(9)
(10)
(11)
(7)
(3)
(16)
(15)
(5)
(4)
LIMITING
AMPLIFIER
ECL
BUFFER
JAM
BUFFER
SD
BUFFER
LEVEL
DETECTOR
REFERENCE
DIN
DIN
VREF
VSET
GNDA
CF
GNDE
DOUT
DOUT
JAM
ST
VCCE
CAZN
CAZP
VCCA
ST
SD00375
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com