Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF40N30Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF40N30Z
Description  40 AMP / 300 Volts 0.10 OHM N-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF40N30Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF40N30Z Datasheet HTML 1Page - Solid States Devices, Inc SFF40N30Z Datasheet HTML 2Page - Solid States Devices, Inc SFF40N30Z Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF40N30 __ __ __
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Screening
2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
¦
¦
+ Lead Option
3/
__ = Straight Leads
DB = Down Bend
UB = Up Bend
+ Package
3/ M = TO-254
Z = TO-254Z
SFF40N30M
SFF40N30Z
40 AMP / 300 Volts
0.10
Ω
N-Channel Power MOSFET
Features:
• Rugged Construction with Polysilicon Gate Cell
• Low RDS(ON) and High Transconductance
• Excellent High Temperature Stability
• Very Fast Switching Speed
• Fast Recovery and Superior dV/dt Performance
• Increased Reverse Energy Capability
• Low Input and Transfer Capacitance for Easy Paralleling
• Ceramic Seals for Improved Hermeticity
• Hermetically Sealed Package
• TX, TXV, Space Level Screening Available
• Replacement for IXTH40N30 Types
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDS
300
Volts
Gate – Source Voltage
VGS
±20
Volts
Continuous Collector Current
ID
40
Amps
Power Dissipation
TC = 25ºC
TC = 55ºC
PD
150
114
W
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
0.83
ºC/W
TO-254 (M)
TO-254Z (Z)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00141E
DOC


Similar Part No. - SFF40N30Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF40N30Z SSDI-SFF40N30Z Datasheet
123Kb / 2P
Avalanche Rated N-channel MOSFET
More results

Similar Description - SFF40N30Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF40N10-28 SSDI-SFF40N10-28 Datasheet
231Kb / 2P
40 AMP /100 Volts 0.055OHM N-Channel POWER MOSFET
SFF70N04 SSDI-SFF70N04 Datasheet
29Kb / 2P
70 AMP / 40 VOLTS 0.010 OHM N-CHANNEL POWER MOSFET
SFF150C SSDI-SFF150C Datasheet
202Kb / 2P
40 AMP 100 Volts 0.040OHM N-Channel POWER MOSFET
SFF440 SSDI-SFF440 Datasheet
214Kb / 2P
8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF450 SSDI-SFF450 Datasheet
209Kb / 2P
12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF450-61 SSDI-SFF450-61 Datasheet
209Kb / 2P
13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF40N30N SSDI-SFF40N30N Datasheet
236Kb / 2P
40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF40N30B SSDI-SFF40N30B Datasheet
202Kb / 2P
40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF40N30-3 SSDI-SFF40N30-3 Datasheet
199Kb / 2P
40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFL024-5 SSDI-SFL024-5 Datasheet
214Kb / 2P
10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com