Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV0021 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EV0021
Description  MP1521 High Efficiency White LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0021 Datasheet(HTML) 3 Page - Monolithic Power Systems

  EV0021 Datasheet HTML 1Page - Monolithic Power Systems EV0021 Datasheet HTML 2Page - Monolithic Power Systems EV0021 Datasheet HTML 3Page - Monolithic Power Systems EV0021 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EV0021
MP1521 High Efficiency
White LED Driver
EVALUATION BOARD
EV0021 Rev 1.1_01/21/03
www.monolithicpower.com
3
Monolithic Power Systems
Table 1: EV0021 Bill of Materials
Parts
Package
Vendor
QTY
Components
ICs
MP1521EQ
QFN16
MPS
1
U1
Capacitors
4.7
µF
1206
Any
1
C1
1
µF, 25V
1210
Any
1
C2
Resistors
10K
Ω
0603
Any
3
R1, R2, R3
20
Ω
0603
Any
3
R4, R5, R6
Inductors
15
µH
CDRH3D16
Sumida
1
L1
Diodes
B130, 1A, 30V, Schottky
SMA
Any
1
D1
LEDS (Not Provided)
Operating Instructions
1. Connect VCC to the power source’s positive output.
2. Connect GND to supply ground.
3. Applying a logic signal to EN pin will enable the MP1521. Logic high (VEN>1V) turns on IC,
logic low puts it into low current shutdown mode. Place a 100K
Ω resistor in series with EN if
the input is greater than 10V. For automatic start up connect EN to VCC.
4. Applying a PWM signal to the BRT will adjust the LED brightness. When used in analog
mode, apply a DC voltage of 0.3 to 1.2V. This input voltage is attenuated by 1/3 to set the
voltage across sense resistors at FB1, FB2, and FB3. Maximum brightness (20mA) occurs
with 1.2V applied. To control brightness in PWM mode, apply a PWM square wave with a
minimum voltage less the 0.18V and a maximum greater than 1.2V. When a voltage less than
0.18V is applied to this pin, the output switch is turned off.
The regulator operates at
maximum brightness when more than 1.2V is applied. The frequency of the PWM signal must
be between 100 to 400 Hz.
5. The FB1, FB2 and FB3 pins can be used to measure the voltage across the current-sense
resistor that is in series with the LED strings. Unused feedback pins must be connected to
any used feedback pin.
6. OLS senses the regulator output voltage to protect IC during open load operation. When this
pin’s voltage exceeds 28V, the output switch is shut off. The output switch remains off until
the IC is reset by cycling the enable pin (EN) or input supply (VIN)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com