Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1541 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Low Power LED Torch/Flash Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1541 Datasheet HTML 1Page - Monolithic Power Systems MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV0062 (MP1541)
1.3MHz Low Power
LED Torch/Flash Driver
EVALUATION BOARD - INITIAL RELEASE
06/04, Rev. 1.0
www.MonolithicPower.com
1
Monolithic Power Systems
GENERAL DESCRIPTION
The EV0062 is an evaluation board designed to
drive up to four (4) white LEDs in series. The
board is based on MPS’ MP1541 SOT23
current mode step up converter. The MP1541 is
intended for small, low power applications. The
MP1541 switches at 1.3MHz and allows the use
of tiny, low cost capacitors and inductors 2mm
or less in height. Internal soft start results in
small inrush current and extends the battery
life. The MP1541 operates from an input voltage
as low as 2.5V and can generate 12V at up to
200mA from a 5V supply.
The MP1541 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload. The MP1541 is available in a small
5-lead TSOT23 package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Supply Voltage
VIN
2.5 – 6
V
LED Current (Torch)
IOUT1
20
mA
LED Current (Flash)
IOUT2
100
mA
FEATURES
• On Board Power MOSFET
• Uses Tiny Capacitors and Inductors
• 1.3MHz Fixed Switching Frequency
• Internally Compensated
• Internal Soft Start
• Operates with Input Voltage as Low as 2.5V
and Output Voltage as High as 22V
• 12V at 200mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in a TSOT23-5 Package
APPLICATIONS
• Camera Phone Flash
• Handheld Computers and PDAs
• Digital Still and Video Cameras
• External Modems
• Small LCD Displays
• White LED Driver
, “MPS”, “Monolithic Power Systems”, and “The Future of Analog IC
Technology” are Registered Trademarks of Monolithic Power Systems, Inc.
EV0062 EVALUATION BOARD
(2.5”X x 2.5”Y x 0.8”Z)
Board Number
MPS IC Number
EV0062 Rev. B
MP1541
0
0
VFLASH
2V/Div.
VOUT
5V/Div.
VIN = 3.6V (3 LEDs)
EV0062_MP1541_TAC_EC01
Waveform in Flash Mode


Similar Part No. - MP1541

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1541 MPS-MP1541 Datasheet
151Kb / 4P
1.3MHz Low Power Boost Converter
MP1541 MPS-MP1541 Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1541 MPS-MP1541 Datasheet
317Kb / 8P
1.3MHz Boost Converter
MP1541 MPS-MP1541 Datasheet
260Kb / 11P
1.3MHz Boost Converter
9/5/2017 Rev.1.5
MP1541DJ MPS-MP1541DJ Datasheet
209Kb / 5P
MP1541 TFT Applications Evaluation Board
More results

Similar Description - MP1541

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1653 AD-ADP1653 Datasheet
953Kb / 24P
Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
REV. A
logo
Allegro MicroSystems
A8530 ALLEGRO-A8530 Datasheet
476Kb / 11P
Ultracompact 6-Channel Backlight and Flash/Torch White LED Driver
logo
Monolithic Power System...
EV1527DR-02A MPS-EV1527DR-02A Datasheet
199Kb / 5P
1.3MHz Low Power LED Torch/Flash Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
1.3MHz Fixed Frequency 5 White LED Driver
logo
Analog Devices
ADP1653 AD-ADP1653_15 Datasheet
979Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
REV. B
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
200mA Flash/Torch LED Driver
logo
Analog Devices
ADP1653 AD-ADP1653_V01 Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com