Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2109DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2109DQ
Description  Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2109DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2109DQ Datasheet HTML 1Page - Monolithic Power Systems MP2109DQ Datasheet HTML 2Page - Monolithic Power Systems MP2109DQ Datasheet HTML 3Page - Monolithic Power Systems MP2109DQ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2109DQ-00A – DUAL 800mA, 6V, 1.2MHz SYNCHRONOUS STEP-DOWN CONVERTER
EVALUATION BOARD
EV2109DQ-00A Rev. 1.1
www.MonolithicPower.com
2
10/14/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
MP2109
SW1
EN1
GND
IN1
FB2
SW2
EN2
FB1
10
9
8
7
6
5
4
3
2
1
IN2
GND
VOUT1
1.8V / 800mA
VOUT2
1.2V / 800mA
C6
NS
C5
NS
U1
EN1
VIN
EN2
EV2109_S01
EV2109DQ-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C2
10µF
Ceramic Capacitor, 6.3V, X5R
1206
Any
2
C3, C4
22µF
Ceramic Capacitor, 6.3V, X5R
1206
Any
2
C5, C6
NS
Do Not Stuff
2
L1, L2
2.2µH Inductor, 1.2A
SMD
Sumida
CDRH3D16-2R2
3
R1, R3,
R4
300kΩ Resistor, 1%
0603
Any
2
R2
150kΩ Resistor, 1%
0603
Any
2
R5, R6
100kΩ Resistor, 5%
0603
Any
1
U1
DC-DC Converter
QFN10
(3mm x 3mm)
MPS
MP2109DQ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com