Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5777AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA5777AD
Description  Dual air-core gauge driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5777AD Datasheet(HTML) 5 Page - NXP Semiconductors

  SA5777AD Datasheet HTML 1Page - NXP Semiconductors SA5777AD Datasheet HTML 2Page - NXP Semiconductors SA5777AD Datasheet HTML 3Page - NXP Semiconductors SA5777AD Datasheet HTML 4Page - NXP Semiconductors SA5777AD Datasheet HTML 5Page - NXP Semiconductors SA5777AD Datasheet HTML 6Page - NXP Semiconductors SA5777AD Datasheet HTML 7Page - NXP Semiconductors SA5777AD Datasheet HTML 8Page - NXP Semiconductors SA5777AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
SA5777A
Dual air-core gauge driver
1999 Sep 20
5
DC ELECTRICAL CHARACTERISTICS
VBB = 7.5 to 18 V; VCC = 4.5 to 5.5 V; TA = –40 to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBB
Analog supply voltage
7.5
18
V
IIGN
Analog supply current
VIGN = 18 V no load
VBB = 18 V with load
RC1 = RC2 = RLMIN
30
235
mA
ICC
Logic supply current
VCC = 5.5 V
1.0
mA
VOH
Output high voltage
Data out IOH = 800 µA
VCC – 0.8
VOL
Output low voltage
Data out IOL = 1.5 mA
0.4
V
VOL Status
ST, IOL = 2.5 mA
0.8
V
IOH Status
ST, VO (ST) = VCC
25
µA
VIH
Input high voltage
CS, SCLK, DATAIN, OE
0.7 x VCC
V
VIL
Input low voltage
CS, SCLK, DATAIN, OE
0.3 x VCC
V
IIH
Input high current
CS, SCLK, DATAIN, VIN = 0.7 x VCC
1
µA
IIL
Input low current
CS, SCLK, DATAIN, VIN = 0.3 x VCC
1
µA
ACC
Output function accuracy2
RC1 = RC2 = RLMIN
±1
Degree
ISD
Output shut-down current
C1+, C1–, C2+, C2–, COM
ISINK
VBB = VBB (MAX)
VBB = VBB (MIN)
ISOURCE VBB = VBB (MAX)
VBB = VBB (MIN)
85
43
85
43
500
300
500
300
mA
mA
mA
mA
VDRIVE
Differential coil drive voltage1
VBB = VBB (MAX)
RL = RL (MIN)
0.7 x VBB
0.8 x VBB
V
RLMIN
Minimum load resistance
TA = 85°C
TA = 25°C
TA = –40°C
215
171
138
VBIAS
Bias voltage3
IOB (Source or Sink)
RL = RL (MIN)
0.475 x VBB
0.525 x VBB
V
NOTE:
1. VDRIVE is the maximum voltage that is applied across the coil, it is equal to (C1+) – (C1–) or (C2+) – (C2–).
2. In reference to nominal values in Figure 4. (Based on 7+ bit DAC).
3.
Output Angle (0)
+ tan–1
(C
))–(C–)
V
BB –VBIAS
AC ELECTRICAL CHARACTERISTICS
VDD = 7.5 to 18 V; VCC = 4.5 to 5.5 V; TA = –40 to +85°C
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FSCLK
Input frequency
1.60
MHz
TSCLKH
SCLK high time
175
ns
TSCLKL
SCLK low time
VCC = 5.5 V
175
ns
TRO
Output rise time DO
0.75 to VCC –1.2 V, CL = 90 pF
75
ns
TFO
Output fall time DO
VCC –1.2 V to 0.75, CL = 90 pF
75
ns
TSU
DI set-up time
75
ns
THI
DI hold time
75
ns
TCSH
Time before first SCLK rising edge
75
ns
TCSL
Time after last SCLK falling edge
75
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com