Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2364DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2364DF
Description  1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2364DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2364DF Datasheet HTML 1Page - Monolithic Power Systems MP2364DF Datasheet HTML 2Page - Monolithic Power Systems MP2364DF Datasheet HTML 3Page - Monolithic Power Systems MP2364DF Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2364DF-00A – 1.5A, 23V, 1.4MHz DUAL STEP-DOWN CONVERTER EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV2364DF-00A Rev. 1.2
www.MonolithicPower.com
4
10/6/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
QUICK START GUIDE
The output voltages of this board are set to 3.3V (VOUTA) and 2.5V (VOUTB). The board layout
accommodates most commonly used inductors and output capacitors.
1. Attach the positive and negative ends of the first load to the VOUTA and GND pins,
respectively. If using both outputs, attach the positive and negative ends of the second load to
the VOUTB and GND pins, respectively.
2. Preset the power supply output to 4.75V to 23V and turn off the power supply.
3. Connect the positive terminal of the power supply output to the VIN pin and the negative
terminal of the power supply output to the GND pin.
4. Turn the power supply on. The MP2364 will automatically startup.
5. To use the Enable function, apply a digital input to EN pin. Drive EN higher than 2.5V to turn on
the regulator and less than 0.7V to turn it off.
6. The Output Voltages VOUTA and VOUTB can be changed by varying R1 and R4, respectively.
Calculate the new values by the following formulae:
⎟⎟
⎜⎜
×
=
1
92
.
0
V
6
R
1
R
OUTA
⎟⎟
⎜⎜
×
=
1
92
.
0
V
3
R
4
R
OUTB
Where R6 = 10kΩ and R3 = 10kΩ
Example:
For VOUTA = 3.3V:
=
×
=
k
9
.
25
)
1
92
.
0
3
.
3
(
10k
1
R
Therefore, use a 25.5kΩ standard 1% value resistor.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com