Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA605 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA605
Description  High performance low power mixer FM IF system
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA605 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA605 Datasheet HTML 1Page - NXP Semiconductors SA605 Datasheet HTML 2Page - NXP Semiconductors SA605 Datasheet HTML 3Page - NXP Semiconductors SA605 Datasheet HTML 4Page - NXP Semiconductors SA605 Datasheet HTML 5Page - NXP Semiconductors SA605 Datasheet HTML 6Page - NXP Semiconductors SA605 Datasheet HTML 7Page - NXP Semiconductors SA605 Datasheet HTML 8Page - NXP Semiconductors SA605 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
SA605
High performance low power mixer FM IF system
2
1997 Nov 07
853-1401 18663
DESCRIPTION
The SA605 is a high performance monolithic low-power FM IF
system incorporating a mixer/oscillator, two limiting intermediate
frequency amplifiers, quadrature detector, muting, logarithmic
received signal strength indicator (RSSI), and voltage regulator. The
SA605 combines the functions of Signetics’ SA602 and SA604A, but
features a higher mixer input intercept point, higher IF bandwidth
(25MHz) and temperature compensated RSSI and limiters
permitting higher performance application. The SA605 is available
in 20-lead dual-in-line plastic, 20-lead SOL (surface-mounted
miniature package) and 20-lead SSOP (shrink small outline
package).
The SA605 and SA615 are functionally the same device types. The
difference between the two devices lies in the guaranteed
specifications. The SA615 has a higher ICC, lower input third order
intercept point, lower conversion mixer gain, lower limiter gain, lower
AM rejection, lower SINAD, higher THD, and higher RSSI error than
the SA605. Both the SA605 and SA615 devices will meet the EIA
specifications for AMPS and TACS cellular radio applications.
For additional technical information please refer to application notes
AN1994, 1995 and 1996, which include example application
diagrams, a complete overview of the product, and artwork for
reference.
APPLICATIONS
• Cellular radio FM IF
• High performance communications receivers
• Single conversion VHF/UHF receivers
• SCA receivers
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
• Log amps
• Wideband low current amplification
PIN CONFIGURATION
RFIN 1
RF BYPASS 2
XTAL OSC
3
XTAL OSC
4
MUTEIN 5
RSSIOUT 7
20 MIXER OUT
19
18 IF AMP IN
17
16 IF AMP OUT
15 GND
14 LIMITER IN
13
12
11
LIMITER OUT
VCC 6
MUTED AUDIO OUT 8
UNMUTED AUDIO OUT 9
QUADRATURE IN 10
IF AMP DECOUPLING
IF AMP DECOUPLING
LIMITER DECOUPLING
LIMITER DECOUPLING
N, D and DK Packages
SR00335
Figure 1. Pin Configuration
FEATURES
• Low power consumption: 5.7mA typical at 6V
• Mixer input to >500MHz
• Mixer conversion power gain of 13dB at 45MHz
• Mixer noise figure of 4.6dB at 45MHz
• XTAL oscillator effective to 150MHz (L.C. oscillator to 1GHz local
oscillator can be injected)
• 102dB of IF Amp/Limiter gain
• 25MHz limiter small signal bandwidth
• Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a dynamic range in excess of 90dB
• Two audio outputs - muted and unmuted
• Low external component count; suitable for crystal/ceramic/LC
filters
• Excellent sensitivity: 0.22µV into 50Ω matching network for 12dB
SINAD (Signal to Noise and Distortion ratio) for 1kHz tone with RF
at 45MHz and IF at 455kHz
• SA605 meets cellular radio specifications
• ESD hardened
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Dual In-Line Package (DIP)
–40 to +85
°C
SA605N
SOT146-1
20-Pin Plastic Small Outline Large (SOL) package
–40 to +85
°C
SA605D
SOT163-1
20-Pin Plastic Shrink Small Outline Package (SSOP)
–40 to +85
°C
SA605DK
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com