Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA607 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA607
Description  Low-voltage high performance mixer FM IF system
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA607 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA607 Datasheet HTML 3Page - NXP Semiconductors SA607 Datasheet HTML 4Page - NXP Semiconductors SA607 Datasheet HTML 5Page - NXP Semiconductors SA607 Datasheet HTML 6Page - NXP Semiconductors SA607 Datasheet HTML 7Page - NXP Semiconductors SA607 Datasheet HTML 8Page - NXP Semiconductors SA607 Datasheet HTML 9Page - NXP Semiconductors SA607 Datasheet HTML 10Page - NXP Semiconductors SA607 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Philips Semiconductors
Product specification
SA607
Low voltage high performance mixer FM IF system
1997 Nov 07
7
RSSI
IF
AMP
MIXER
QUAD
OSCILLATOR
VREG
+
+
AUDIO
LIMITER
20
19
18
17
16
14
13
12
11
10
8
7
6
4
3
2
1
RSSI
OUTPUT
AUDIO
C14
IFT1
C9
C8
C7
C6
X1
L2
VCC
C5
C2
C1
L1
C18
C15
C17
FLT2
C23
C21
FLT1
Application Component List
45MHz
INPUT
5
9
15
C12
FREQ
CHECK
R17
2.4k
R19
11k
R18
3.3k
C26
C10
R11
R10
C27
SA607D/DK
C19
390pF
51pF NPO Ceramic
220pF NPO Ceramic
5-30pF trim cap
1nF Ceramic
10.0pF NPO Ceramic
10pF NPO Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
2.2
µF +10% Tantalum
100nF +10% Monolithic Ceramic
10
µF Tantalum (minimum) *
C26
C27
Flt 1
Flt 2
IFT 1
L1
L2
X1
R10
R5
100nF +10% Monolithic Ceramic
2.2
µF Tantalum
Not Used in Application Board (see Note 8, pg 8)
8.2k +5% 1/4W Carbon Composition
44.545MHz Crystal Hy–Q
1.2
µH Coilcraft 1008C S-122
Ceramic Filter Murata SFG455A3 or equiv
Ceramic Filter Murata SFG455A3 or equiv
C1
C2
C5
C6
C7
C8
C9
C10
C12
C14
C15
C17
C18
C19
C23
390pF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
R11
10k +5% 1/4W Carbon Composition
R17
R18
2.4k +5% 1/4W Carbon Composition
3.3k +5% 1/4W Carbon Composition
R19
11k +5% 1/4W Carbon Composition
.33
µH TOKO SCB-1320Z
330
µH TOKO 303LN-1130
C21
100nF +10% Monolithic Ceramic
*NOTE: This value can be reduced when a battery is the power source.
SR00390
Figure 4. SA607 45MHz Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com