Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3573 Datasheet(PDF) 3 Page - EPCOS

Part # B3573
Description  SAW Components Low-loss Filter 869,60 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3573 Datasheet(HTML) 3 Page - EPCOS

  B3573 Datasheet HTML 1Page - EPCOS B3573 Datasheet HTML 2Page - EPCOS B3573 Datasheet HTML 3Page - EPCOS B3573 Datasheet HTML 4Page - EPCOS B3573 Datasheet HTML 5Page - EPCOS B3573 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 09, 2001
SAW Components
B3573
869,60 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1)Temperature dependence of fC: fC(TA) = fC(T0) (1 + TCf(TA – T0)2)
2) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
—
869,69
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
869,20 ... 870,18 MHz
—
2,8
4,3
dB
Pass band (relative to
α
min)
869,20 ... 870,18 MHz
—
1,2
3,0
dB
869,12 ... 870,26 MHz
—
1,8
6,0
dB
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 700,00 MHz
50
55
—
dB
700,00 ... 843,00 MHz
35
40
—
dB
843,00 ... 865,20 MHz
28
33
—
dB
865,20 ... 867,00 MHz
8
13
—
dB
871,69 ... 872,50 MHz
8
13
—
dB
872,50 ... 880,00 MHz
15
20
—
dB
880,00 ... 910,00 MHz
24
29
—
dB
910,00 ...1000,00 MHz
35
40
—
dB
Impedance for pass band matching 2)
Input:
ZIN
=
RIN
||
CIN
—
232 || 2,10
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
243 || 2,10
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
–0,03
—
ppm/K2
Frequency inversion point
T0
—25
—
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com