Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3605 Datasheet(PDF) 3 Page - EPCOS

Part # B3605
Description  SAW Components Low-loss Filter 70,00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3605 Datasheet(HTML) 3 Page - EPCOS

  B3605 Datasheet HTML 1Page - EPCOS B3605 Datasheet HTML 2Page - EPCOS B3605 Datasheet HTML 3Page - EPCOS B3605 Datasheet HTML 4Page - EPCOS B3605 Datasheet HTML 5Page - EPCOS B3605 Datasheet HTML 6Page - EPCOS B3605 Datasheet HTML 7Page - EPCOS B3605 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jul 09, 2003
SAW Components
B3605
70,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= -40 ˚C... 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching circuit(Unbalanced)
Terminating load impedance:
ZL =50 Ω and matching circuit(Unbalanced)
Group delay aperture
80 kHz
min.
typ.
max.
Center frequency
fC
69,50
70,00
70,50 MHz
(Center between 6dB points)
Insertion attenuation at fC
α
C
—
9,6
10,8
dB
Amplitude ripple (p-p)
∆α
67,00 ...
73,00 MHz
—
0,6
1,0
dB
Phase ripple (p-p)
∆ϕ
65,50 ...
74,50 MHz
—
15,0
18,0
˚
Pass bandwidth
α
rel ≤
1dB
B1dB
8,1
8,3
—
MHz
α
rel ≤
3dB
B3dB
9,1
9,3
—
MHz
α
rel ≤ 30
dB
B30dB
—
12,8
13,2
MHz
Relative attenuation (relative to
α
C)
α
rel
50,00 ...
62,50 MHz
43
47
—
dB
62,50 ...
63,00 MHz
34
38
—
dB
77,00 ...
77,50 MHz
28
36
—
dB
77,50 ...
90,00 MHz
35
41
—
dB
Group delay at
fC
τ
C
—
1,1
—
µs
Group delay ripple (p-p)
∆τ
65,50 ...
74,50 MHz
—
80
200
ns
Temperature coefficient of frequency
TCf
—
– 87
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com