Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF85N06Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF85N06Z
Description  55 AMP (note 1) /60 Volts 7 mO N-Channel Trench Gate MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF85N06Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF85N06Z Datasheet HTML 1Page - Solid States Devices, Inc SFF85N06Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
TO-254 and TO-254Z
Note 1: maximum current limited by package
configuration
SFF85N06M
SFF85N06Z
55 AMP (note 1) /60 Volts
7 mO
N-Channel Trench Gate MOSFET
Features:
•
Trench gate technology for high cell density
•
Lowest ON-resistance in the industry
•
Enhanced operating temperature range
•
Hermetically Sealed, Isolated Package
•
Low Total Gate Charge
•
Fast Switching
•
Enhanced replacement for IRFP064
•
TX, TXV, S-Level screening available
•
Improved (RDS(ON) QG) figure of merit
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDSS
60
V
Gate – Source Voltage
VGS
±20
V
Max. Continuous Drain Current (package limited)
@ TC = 25ºC
@ TC = 125ºC
ID1
ID2
55 (note 1)
55 (note 1)
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
@ TC = 125ºC
ID3
ID4
175
75
A
Max. Avalanche current
@ L= 0.1 mH
IAR
75
A
Repetitive Avalanche Energy
@ L= 0.1 mH
EAR
280
mJ
Total Power Dissipation
@ TC = 25ºC
PD
210
W
Operating & Storage Temperature
TOP & TSTG
-55 to +175
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
0.7
(typ 0.55)
ºC/W
TO-254 (M)
PIN 1
PIN 3
PIN 2
TO-254Z (Z)
PIN 3
PIN 2
PIN 1
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0020A
DOC


Similar Part No. - SFF85N06Z

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SFF85 MIC-SFF85 Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
DIYI Electronic Technol...
SFF850 DYELEC-SFF850 Datasheet
810Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SFF850 ZSELEC-SFF850 Datasheet
94Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - SFF85N06Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF044J SSDI-SFF044J Datasheet
199Kb / 2P
35 AMP 60 Volts 0.035OHM N-Channel POWER MOSFET
SFF054C SSDI-SFF054C Datasheet
214Kb / 2P
35 AMP 60 Volts 0.025OHM N-Channel POWER MOSFET
SFF054-61 SSDI-SFF054-61 Datasheet
231Kb / 2P
35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET
SFFX054M SSDI-SFFX054M Datasheet
223Kb / 2P
35 AMP 60 VOLTS 0.022ohm N-Channel Power MOSFET
SFF35N20M SSDI-SFF35N20M Datasheet
43Kb / 2P
55 AMP (note 1) /200 Volts 35 mO N-Channel Trench Gate MOSFET
SFF80N10M SSDI-SFF80N10M Datasheet
47Kb / 2P
55 AMP (note 1) /100 Volts 12 mO N-Channel Trench Gate MOSFET
SFF75N08M SSDI-SFF75N08M Datasheet
43Kb / 2P
55 AMP (note 1) /75 Volts 8.5 mO N-Channel Trench Gate MOSFET
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
logo
NXP Semiconductors
BSH111BK PHILIPS-BSH111BK_15 Datasheet
289Kb / 16P
55 V, N-channel Trench MOSFET
26 November 2014
logo
Nexperia B.V. All right...
BSH111BK NEXPERIA-BSH111BK Datasheet
742Kb / 16P
55 V, N-channel Trench MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com