Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3680 Datasheet(PDF) 4 Page - EPCOS

Part # B3680
Description  SAW Components Low-Loss Filter 352,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3680 Datasheet(HTML) 4 Page - EPCOS

  B3680 Datasheet HTML 1Page - EPCOS B3680 Datasheet HTML 2Page - EPCOS B3680 Datasheet HTML 3Page - EPCOS B3680 Datasheet HTML 4Page - EPCOS B3680 Datasheet HTML 5Page - EPCOS B3680 Datasheet HTML 6Page - EPCOS B3680 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Apr 11, 2002
SAW Components
B3680
352,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = 0 ... 85 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
min.
typ.
max.
Nominal frequency
fN
—
352,0
—
MHz
Minimum insertion attenuation
α
min
—
2,7
3,5
dB
Amplitude ripple in passband (p-p)
∆α
346,0 .... 358,0 MHz
—
1,4
3,0
dB
Group delay ripple (p-p)
∆τ
346,0 .... 358,0 MHz
—
40
170
ns
346,5 .... 358,0 MHz
—
40
120
ns
Pass bandwidth
α
rel ≤ 3dB
B3dB
14,0
15,6
—
MHz
Relative attenuation (relative to
α
min)
α
rel
0,3 .... 333,0 MHz
45
54
—
dB
333,0 .... 341,0 MHz
11
34
—
dB
363,0 .... 366,0 MHz
11
19
—
dB
366,0 .... 371,0 MHz
22
25
—
dB
371,0 .... 374,0 MHz
25
35
—
dB
374,0 .... 392,0 MHz
34
36
—
dB
392,0 .... 400,0 MHz
45
54
—
dB
Temperature coefficient of frequency
TCf
—
– 70
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com