Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA621 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA621
Description  1GHz - Low voltage LNA, mixer and VCO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA621 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA621 Datasheet HTML 8Page - NXP Semiconductors SA621 Datasheet HTML 9Page - NXP Semiconductors SA621 Datasheet HTML 10Page - NXP Semiconductors SA621 Datasheet HTML 11Page - NXP Semiconductors SA621 Datasheet HTML 12Page - NXP Semiconductors SA621 Datasheet HTML 13Page - NXP Semiconductors SA621 Datasheet HTML 14Page - NXP Semiconductors SA621 Datasheet HTML 15Page - NXP Semiconductors SA621 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Philips Semiconductors
Product specification
SA621
1GHz low voltage LNA, mixer and VCO
1997 Nov 07
14
Table 3.
Typical S-Parameters of Mixer at 3V
Mixer
Freq (MHz)
|S11|
(U)
<S11 (deg)
100
0.73
-11
122
0.73
-147
144
0.72
-16
166
0.72
-19
188
0.72
-21
210
0.71
-24
232
0.70
-27
254
0.70
-29
276
0.69
-32
298
0.68
-34
320
0.67
-37
342
0.66
-39
364
0.64
-42
386
0.63
-–44
408
0.62
-46
430
0.61
-48
452
0.59
-50
474
0.58
-52
496
0.57
-53
518
0.56
-54
540
0.55
-56
562
0.55
-57
584
0.54
-59
606
0.54
-61
628
0.54
-62
650
0.54
-64
Mixer
Freq (MHz)
|S11|
(U)
<S11 (deg)
672
0.54
-65
694
0.54
-67
716
0.54
-69
738
0.54
-71
760
0.54
-73
782
0.55
-76
804
0.55
-78
826
0.55
-80
848
0.55
-82
870
0.55
-85
892
0.56
-87
914
0.55
-90
936
0.56
-93
958
0.56
-96
980
0.56
-98
1002
0.56
-101
1024
0.57
-104
1046
0.57
-106
1068
0.57
-110
1090
0.57
-112
1112
0.57
-115
1134
0.57
-118
1156
0.57
-121
1178
0.57
-124
1200
0.57
-127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com