Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3685 Datasheet(PDF) 3 Page - EPCOS

Part # B3685
Description  SAW Components Low-Loss Filter 90,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3685 Datasheet(HTML) 3 Page - EPCOS

  B3685 Datasheet HTML 1Page - EPCOS B3685 Datasheet HTML 2Page - EPCOS B3685 Datasheet HTML 3Page - EPCOS B3685 Datasheet HTML 4Page - EPCOS B3685 Datasheet HTML 5Page - EPCOS B3685 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jan 08, 2003
SAW Components
B3685
90,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 0 - 70 ˚C
Terminating source impedance:
ZS = 200 Ω balanced and matching network
Terminating load impedance:
ZL = 200 Ω balanced and matching network
min.
typ.
max.
Nominal frequency
fN
—
90,0
—
MHz
Insertion attenuation at
fN
α
N
4,0
5,3
6,0
dB
(including matching network)
Passband width
α
rel ≤ 0,5 dB
B0,5dB
200
850
—
kHz
Amplitude ripple (p-p)
fN ± 100 kHz
∆α
—
0,15
0,5
dB
Absolute group delay (at
fN)
τ
720
760
800
ns
Group delay ripple (p-p)
fN ± 100 kHz
∆τ
—
30
100
ns
Average Error Vector Magnitude (rms)
EVM
—
0,4
1,0
%
Relative attenuation (relative to
α
N)
α
rel
fN ± 1,8 MHz ... fN ± 6,0 MHz
10
18
—
dB
fN ± 6,0 MHz ... fN ± 20,0 MHz
30
44
—
dB
Input and Output VSWR
fN ±100 kHz
—
1,3:1
2,0:1
Impedance at fN (without matching)
Input:
ZIN = RIN || CIN
—
335 || 23,8
—
Ω || pF
Output: ZOUT=ROUT || COUT
—
335 || 23,8
—
Ω || pF
Temperature coefficient of frequency
TCf
—
– 18
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com