Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R12IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 35Page - Exar Corporation XRT75R12IB Datasheet HTML 36Page - Exar Corporation XRT75R12IB Datasheet HTML 37Page - Exar Corporation XRT75R12IB Datasheet HTML 38Page - Exar Corporation XRT75R12IB Datasheet HTML 39Page - Exar Corporation XRT75R12IB Datasheet HTML 40Page - Exar Corporation XRT75R12IB Datasheet HTML 41Page - Exar Corporation XRT75R12IB Datasheet HTML 42Page - Exar Corporation XRT75R12IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
XRT75R12
36
REV. 1.0.3
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
4.6
Transmit Drive Monitor
This feature is used for monitoring the transmit line for occurrence of fault conditions such as a short circuit on
the line or a defective line driver. To activate this function, connect MTIP_n pins to the TTIP_n lines via a 270
Ω
resistor and MRing_n pins to TRing_n lines via 270
Ω resistor as shown in Figure 24.
When the MTIP_n and MRing_n are connected to the TTIP_n and TRing_n lines, the drive monitor circuit
monitors the line for transitions. The DMO_n (Drive Monitor Output) will be asserted “Low” as long as the
transitions on the line are detected via MTIP_n and MRing_n. If no transitions on the line are detected for 128
± 32 TxClk_n periods, the DMO_n output toggles “High” and when the transitions are detected again, DMO_n
toggles “Low”.
NOTE: The Drive Monitor Circuit is only for diagnostic purpose and does not have to be used to operate the transmitter.
4.7
Transmitter Section On/Off
The transmitter section of each channel can either be turned on or off. To turn on the transmitter, set the input
pin TxON to “High” and write a “1” to the TxON_n control bit. When the transmitter is turned off, TTIP_n and
TRing_n are tri-stated.
NOTES:
1.
This feature provides support for Redundancy.
2.
If the XRT75R12 is configured in Host mode, to permit a system designed for redundancy to quickly shut-off the
defective line card and turn on the back-up line card, writing a “1” to the TxON_n control bits transfers the control
to TxON pin.
FIGURE 24. TRANSMIT DRIVER MONITOR SET-UP.
TTIP(n)
TRing(n)
1:1
R3
75
Ω
TxPOS(n)
TxNEG(n)
TxLineClk(n)
TPData(n)
TNData(n)
TxClk(n)
31.6
Ω + 1%
31.6
Ω +1%
R1
R2
MTIP(n)
MRing(n)
270
Ω
270
Ω
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com