Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3690 Datasheet(PDF) 3 Page - EPCOS

Part # B3690
Description  SAW Components Low-Loss Filter 610,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3690 Datasheet(HTML) 3 Page - EPCOS

  B3690 Datasheet HTML 1Page - EPCOS B3690 Datasheet HTML 2Page - EPCOS B3690 Datasheet HTML 3Page - EPCOS B3690 Datasheet HTML 4Page - EPCOS B3690 Datasheet HTML 5Page - EPCOS B3690 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 01, 2003
SAW Components
B3690
610,00 MHz
IF Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -25˚C to +85˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1) Temperature dependence of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)
min.
typ.
max.
Center frequency
fC
609,25
610,00
610,75 MHz
Minimum insertion attenuation
α
min
—
9,5
11,0
dB
(including loss in matching elements)
Amplitude ripple (p-p)
∆α
fC - 750 kHz
...
fC + 750 kHz
—
0,9
1,2
dB
Passband width
α
rel ≤ 1,0 dB
B1,0dB
—
1,55
—
MHz
α
rel ≤ 3,0 dB
B3,0dB
2,6
2,7
—
MHz
α
rel ≤ 35,0 dB
B35dB
—
6,3
8,0
MHz
Relative attenuation (relative to
α
min)
α
rel
5,0 MHz
...
570,0 MHz
45
51
—
dB
570,0 MHz
...
606,0 MHz
35
44
—
dB
614,0 MHz
...
650,0 MHz
35
38
—
dB
650,0 MHz
...
862,0 MHz
45
52
—
dB
Impedance at
fC
Input:
ZIN
=
RIN
||
CIN
—
300 || 5,3
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
410 || 4,6
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
– 0,036
—
ppm/K2
Frequency inversion point
T0
—25
—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com