Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3705 Datasheet(PDF) 4 Page - EPCOS

Part # B3705
Description  SAW Components Low-Loss Filter 915,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3705 Datasheet(HTML) 4 Page - EPCOS

  B3705 Datasheet HTML 1Page - EPCOS B3705 Datasheet HTML 2Page - EPCOS B3705 Datasheet HTML 3Page - EPCOS B3705 Datasheet HTML 4Page - EPCOS B3705 Datasheet HTML 5Page - EPCOS B3705 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Oct 21, 2002
SAW Components
B3705
915,00 MHz
Low Loss Filter
Data Sheet
Characteristics (Spec. 2)
Reference temperature:
TA = -40 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
914,70
—
MHz
Maximum insertion attenuation
914,50 ... 916,00 MHz
α
max
—
4,0
6,0
dB
Amplitude ripple (p-p)
∆α
914,50 ... 916,00 MHz
—
1,0
2,0
dB
Relative attenuation (relative to
α
max)
α
rel
10,00 ... 890,00 MHz
43
48
—
dB
892,30 ... 895,10 MHz
30
35
—
dB
955,00 ...1100,00 MHz
38
45
—
dB
Temperature coefficient of frequency
TCf
—
–30
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com