Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA624D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA624D
Description  High performance low power FM IF system with high-speed RSSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA624D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA624D Datasheet HTML 4Page - NXP Semiconductors SA624D Datasheet HTML 5Page - NXP Semiconductors SA624D Datasheet HTML 6Page - NXP Semiconductors SA624D Datasheet HTML 7Page - NXP Semiconductors SA624D Datasheet HTML 8Page - NXP Semiconductors SA624D Datasheet HTML 9Page - NXP Semiconductors SA624D Datasheet HTML 10Page - NXP Semiconductors SA624D Datasheet HTML 11Page - NXP Semiconductors SA624D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors
Product specification
SA624
High performance low power FM IF system with
high-speed RSSI
1997 Nov 07
8
11
12
10
40k
80k
8
40k
V+
9
42k
SR00446
Figure 7. Second Limiter and Quadrature Detector
BPF
BPF
SR00447
Figure 8. Feedback Paths
a. Terminating High Impedance Filters with Transformation to Low Impedance
b. Low Impedance Termination and Gain Reduction
BPF
HIGH IMPEDANCE
LOW IMPEDANCE
HIGH IMPEDANCE
BPF
BPF
RESISTIVE LOSS INTO BPF
BPF
SR00448
Figure 9. Practical Termination
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
NE 624
430
430
SR00449
Figure 10. Crystal Input Filter with Ceramic Interstage Filter
forms a divider from the output of the limiters back to the inputs
(including RF input). If this feedback divider does not cause
attenuation greater than the gain of the forward path, then oscillation
or low level regeneration is likely. If regeneration occurs, two
symptoms may be present: (1)The RSSI output will be high with no
signal input (should nominally be 250mV or lower), and (2) the
demodulated output will demonstrate a threshold. Above a certain
input level, the limited signal will begin to dominate the regeneration,
and the demodulator will begin to operate in a “normal” manner.
There are three primary ways to deal with regeneration: (1)
Minimize the feedback by gain stage isolation, (2) lower the stage
input impedances, thus increasing the feedback attenuation factor,
and (3) reduce the gain. Gain reduction can effectively be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com