Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA625 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA625
Description  High performance low power mixer FM IF system with high-speed RSSI
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA625 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA625 Datasheet HTML 1Page - NXP Semiconductors SA625 Datasheet HTML 2Page - NXP Semiconductors SA625 Datasheet HTML 3Page - NXP Semiconductors SA625 Datasheet HTML 4Page - NXP Semiconductors SA625 Datasheet HTML 5Page - NXP Semiconductors SA625 Datasheet HTML 6Page - NXP Semiconductors SA625 Datasheet HTML 7Page - NXP Semiconductors SA625 Datasheet HTML 8Page - NXP Semiconductors SA625 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
SA625
High performance low power mixer FM IF system
with high-speed RSSI
2
1997 Nov 07
853-1648 18664
DESCRIPTION
The SA625 is pin-to-pin compatible with the SA605, but has faster
RSSI rise and fall times. The SA625 is a high performance
monolithic low-power FM IF system incorporating a mixer/oscillator,
two limiting intermediate frequency amplifiers, quadrature detector,
muting, logarithmic received signal strength indicator (RSSI) with
fast rise and fall time, and voltage regulator. The SA625 combines
the functions of Signetics’ SA602A and SA624. The SA625 is
available in 20-lead SSOP (shrink small outline package).
For additional technical information please refer to application notes
AN1994, 1995 and 1996, which include example application
diagrams, a complete overview of the product and artwork for
reference.
FEATURES
• Fast RSSI rise and fall times
• Low power consumption: 5.8mA typical at 6V
• Mixer input to >500MHz
• Mixer conversion power gain of 13dB at 45MHz
• Mixer noise figure of 4.6dB at 45MHz
• XTAL oscillator effective to 150MHz (L.C. oscillator to 1GHz local
oscillator can be injected)
• 102dB of IF Amp/Limiter gain
• 25MHz limiter small signal bandwidth
• Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a dynamic range in excess of 90dB
• Two audio outputs - muted and unmuted
• Low external component count; suitable for crystal/ceramic/LC
filters
• Excellent sensitivity: 0.22µV into 50Ω matching network for 12dB
SINAD (Signal to Noise and Distortion ratio) for 1kHz tone with RF
at 45MHz and IF at 455kHz
• SA625 meets cellular radio specifications
PIN CONFIGURATION
RFIN 1
RF BYPASS 2
XTAL OSC
3
XTAL OSC
4
MUTEIN 5
RSSIOUT 7
20 MIXER OUT
19
18 IF AMP IN
17
16 IF AMP OUT
15 GND
14 LIMITER IN
13
12
11
LIMITER OUT
VCC 6
DK Package
MUTED AUDIO OUT 8
UNMUTED AUDIO OUT 9
QUADRATURE IN 10
IF AMP DECOUPLING
IF AMP DECOUPLING
LIMITER DECOUPLING
LIMITER DECOUPLING
SR00456
Figure 1. Pin Configuration
• ESD hardened
APPLICATIONS
• Digital cellular base stations
• High performance communications receivers
• Single conversion VHF/UHF receivers
• SCA receivers
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
• Log amps
• Wideband low current amplification
• Digital cordless telephones
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Shrink Small Outline Package (SSOP) (Surface-mount)
-40 to +85
°C
SA625DK
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com