| Electronic Components Datasheet Search |
|
XRT83L34 Datasheet(PDF) 9 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83L34 Datasheet(HTML) 9 Page - Exar Corporation |
|
9 / 99 page ![]() xr XRT83L34 QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR REV. 1.0.1 6 RPOS_0/ RDATA_0 RPOS_1/ RDATA_1 RPOS_2/ RDATA_2 RPOS_3/ RDATA_3 7 25 78 96 O Receiver Positive-Polarity Data Output/Receive Data Output - Channel n: The exact function of this output pin depends upon whether the XRT83L34 device has been configured to operate in the Single-Rail or Dual-Rail Mode as described below. Dual-Rail Mode Operation - Receive Positive-Polarity Data Output Pin - RPOS_n: The Receive Section of Channel n will output the positive-polarity portion of the Recovered incoming DS1/E1 data (from the remote terminal equipment) via this output pin. Each Channel (within the XRT83L34 device) will update the data (that is output via this output pin) upon the "user-selected" edge of the RCLK_n output clock signal. The "Negative-Portion" of this recovered incoming DS1/E1 data (from the remote terminal equipment) will be output via the corresponding RNEG_n output pin. Single-Rail Mode Operation - Receive Data Output Pin - RDATA_n If Channel n has been configured to operate in the Single-Rail Mode, then the entire incoming DS1/E1 data (that has been recovered by the Receive Section of Channel n) will be output via this output pin upon the "user- selected" edge of the RCLK_n output clock signal. RTIP_0 RTIP_1 RTIP_2 RTIP_3 9 23 80 94 I Receiver Differential Tip Positive Input for Channel _n: This input pin, along with the corresponding RRING_n input pin functions as the "Receive DS1/E1 Line Signal" for Channel n, within the XRT83L34 device. The user is expected to connect this signal and the corresponding RRING_n input signal to a 1:1 transformer. Whenever the RTIP_n/RRING_n input pins are receiving a positive-polarity pulse within the incoming DS1 or E1 line signal, then this input pin will be pulsed to a "higher-voltage" than that of the corresponding RRING_n input pin. Conversely, whenever the RTIP_n/RRING_n input pins are receiving a nega- tive-polarity pulse within the incoming DS1 or E1 line signal, then this input pin will be pulsed to a "lower-voltage" than that of the corresponding RRING_n input pin. RRING_0 RRING_1 RRING_2 RRING_3 10 22 81 93 I Receiver Differential Ring Negative Input for Channel _n: This input pin, along with the corresponding RTIP_n input pin functions as the "Receive DS1/E1 Line Signal" for Channel n, within the XRT83L34 device. The user is expected to connect this signal and the corresponding RTIP_n input signal to a 1:1 transformer. Whenever the RTIP_n/RRING_n input pins are receiving a positive-polarity pulse within the incoming DS1 or E1 line signal, then this input pin will be pulsed to a "lower-voltage" than that of the corresponding RTIP_n input pin. Conversely, whenever the RTIP_n/RRING_n input pins are receiving a nega- tive-polarity pulse within the incoming DS1 or E1 line signal, then this input pin will be pulsed to a "higher-voltage" than that of the corresponding RTIP_n input pin. SIGNAL NAME PIN #TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |