Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA627D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA627D
Description  High performance low power FM IF system with high-speed RSSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA627D Datasheet(HTML) 4 Page - NXP Semiconductors

  SA627D Datasheet HTML 1Page - NXP Semiconductors SA627D Datasheet HTML 2Page - NXP Semiconductors SA627D Datasheet HTML 3Page - NXP Semiconductors SA627D Datasheet HTML 4Page - NXP Semiconductors SA627D Datasheet HTML 5Page - NXP Semiconductors SA627D Datasheet HTML 6Page - NXP Semiconductors SA627D Datasheet HTML 7Page - NXP Semiconductors SA627D Datasheet HTML 8Page - NXP Semiconductors SA627D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
SA627
High performance low power mixer FM IF system
with high-speed RSSI
1997 Nov 07
4
AC ELECTRICAL CHARACTERISTICS
TA = 25°C; VCC = +6V, unless otherwise stated. RF frequency = 45MHz + 14.5dBV RF input step-up; IF frequency = 455kHz; R17 = 5.1k; RF
level = -45dBm; FM modulation = 1kHz with
±8kHz peak deviation. Audio output with C-message weighted filter and de-emphasis capacitor.
Test circuit Figure 3. The parameters listed below are tested using automatic test equipment to assure consistent electrical characterristics.
The limits do not represent the ultimate performance limits of the device. Use of an optimized RF layout will improve many of the listed
parameters.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA627
UNITS
MIN
TYP
MAX
Mixer/Osc section (ext LO = 300mV)
fIN
Input signal frequency
500
MHz
fOSC
Crystal oscillator frequency
150
MHz
Noise figure at 45MHz
5.0
dB
Third-order input intercept point
f1 = 45.0; f2 = 45.06MHz
-10
dBm
Conversion power gain
Matched 14.5dBV step-up
10
13
15
dB
50
Ω source
-1.7
dB
RF input resistance
Single-ended input
3.0
4.7
k
Ω
RF input capacitance
3.5
4.0
pF
Mixer output resistance
(Pin 20)
1.25
1.5
k
Ω
IF section
IF amp gain
50
Ω source
39.7
dB
Limiter gain
50
Ω source
62.5
dB
Input limiting -3dB, R17 = 5.1k
Test at Pin 18
-113
dBm
AM rejection
80% AM 1kHz
29
34
43
dB
Audio level, R10 = 100k
15nF de-emphasis
80
150
260
mVRMS
SINAD sensitivity
RF level -118dB
16
dB
THD
Total harmonic distortion
-34
-42
dB
S/N
Signal-to-noise ratio
No modulation for noise
73
dB
IF RSSI output, R9 = 100kΩ1
IF level = -118dBm
0
160
650
mV
IF level = -68dBm
1.9
2.5
3.1
V
IF level = -18dBm
4.0
4.8
5.6
V
IF frequency = 455kHz
RF level = -56dBm
1.2
µs
IF RSSI output rise time
RF level = -28dBm
1.2
µs
(10kHz pulse, no 455kHz filter)
IF frequency = 10.7MHz
(no RSSI bypass capacitor)
RF level = -56dBm
1.2
µs
RF level = -28dBm
1.1
µs
IF frequency = 455kHz
RF level = -56dBm
2.1
µs
IF RSSI output fall time
RF level = -28dBm
7.6
µs
(10kHz pulse, no 455kHz filter)
IF frequency = 10.7MHz
(no RSSI bypass capacitor)
RF level = -56dBm
2.0
µs
RF level = -28dBm
7.3
µs
RSSI range
R9 = 100kΩ Pin 16
90
dB
RSSI accuracy
R9 = 100kΩ Pin 16
+1.5
dB
IF input impedance
1.40
1.6
k
Ω
IF output impedance
0.85
1.0
k
Ω
Limiter input impedance
1.40
1.6
k
Ω
Limiter output impedance
Pin 10 or 11
300
Ω
Limiter output level
Pin 10 or 11 with no load
3k
Ω load (min)
280
250
mVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com