Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA636 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA636 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA636 Datasheet HTML 1Page - NXP Semiconductors SA636 Datasheet HTML 2Page - NXP Semiconductors SA636 Datasheet HTML 3Page - NXP Semiconductors SA636 Datasheet HTML 4Page - NXP Semiconductors SA636 Datasheet HTML 5Page - NXP Semiconductors SA636 Datasheet HTML 6Page - NXP Semiconductors SA636 Datasheet HTML 7Page - NXP Semiconductors SA636 Datasheet HTML 8Page - NXP Semiconductors SA636 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product specification
SA636
Low voltage high performance mixer FM IF
system with high-speed RSSI
2
1997 Nov 07
853-1757 18664
DESCRIPTION
The SA636 is a low-voltage high performance monolithic FM IF
system with high-speed RSSI incorporating a mixer/oscillator, two
limiting intermediate frequency amplifiers, quadrature detector,
logarithmic received signal strength indicator (RSSI), voltage
regulator, wideband data output and fast RSSI op amps. The
SA636 is available in 20-lead SSOP (shrink small outline package).
The SA636 was designed for high bandwidth portable
communication applications and will function down to 2.7V. The RF
section is similar to the famous SA605. The data output has a
minimum bandwidth of 600kHz. This is designed to demodulate
wideband data. The RSSI output is amplified. The RSSI output has
access to the feedback pin. This enables the designer to adjust the
level of the outputs or add filtering.
SA636 incorporates a power down mode which powers down the
device when Pin 8 is low. Power down logic levels are CMOS and
TTL compatible with high input impedance.
APPLICATIONS
• DECT (Digital European Cordless Telephone)
• Digital cordless telephones
• Digital cellular telephones
• Portable high performance communications receivers
• Single conversion VHF/UHF receivers
• FSK and ASK data receivers
• Wireless LANs
FEATURES
• Wideband data output (600kHz min.)
• Fast RSSI rise and fall times
• Low power consumption: 6.5mA typ at 3V
• Mixer input to >500MHz
• Mixer conversion power gain of 11dB at 240MHz
• Mixer noise figure of 12dB at 240MHz
PIN CONFIGURATION
RFIN
RF BYPASS
RSSIOUT
MIXER OUT
IF AMP IN
IF AMP OUT
GND
LIMITER IN
LIMITER OUT
DK Package
POWER DOWN CONTROL
DATA OUT
QUADRATURE IN
IF AMP DECOUPLING
IF AMP DECOUPLING
LIMITER DECOUPLING
LIMITER DECOUPLING
VCC
RSSI FEEDBACK
XTAL OSC
(EMITTER)
XTAL OSC
(BASE)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SR00491
Figure 1. Pin Configuration
• XTAL oscillator effective to 150MHz (L.C. oscillator to 1GHz local
oscillator can be injected)
• 92dB of IF Amp/Limiter gain
• 25MHz limiter small signal bandwidth
• Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a dynamic range in excess of 90dB
• RSSI output internal op amp
• Internal op amps with rail-to-rail outputs
• Low external component count; suitable for crystal/ceramic/LC
filters
• Excellent sensitivity: 0.54µV into 50Ω matching network for 12dB
SINAD (Signal to Noise and Distortion ratio) for 1kHz tone with RF
at 240MHz and IF at 10.7MHz
• ESD hardened
• 10.7MHz filter matching (330Ω)
• Power down mode (I
CC = 200µA)
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Shrink Small Outline Package (Surface-mount)
-40 to +85
°C
SA636DK
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com