Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1517 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1517
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1517 Datasheet HTML 1Page - Monolithic Power Systems MP1517 Datasheet HTML 2Page - Monolithic Power Systems MP1517 Datasheet HTML 3Page - Monolithic Power Systems MP1517 Datasheet HTML 4Page - Monolithic Power Systems MP1517 Datasheet HTML 5Page - Monolithic Power Systems MP1517 Datasheet HTML 6Page - Monolithic Power Systems MP1517 Datasheet HTML 7Page - Monolithic Power Systems MP1517 Datasheet HTML 8Page - Monolithic Power Systems MP1517 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
2
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
MP1517_PD01-QFN16
TOP VIEW
EXPOSED PAD
CONNECT TO PIN 13
PIN 1
IDENTIFICATION
COMP
NC
BP
EN
PGND
PGND
SW
SW
1
2
3
4
13
14
15
16
8
7
6
5
IN
OLS
NC
SGND
SGND
NC
SS
FB
12
11
10
9
Part Number*
Package
Temperature
MP1517DR
QFN16
(4mm x 4mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1517DR–Z)
For Lead Free, add suffix –LF (eg. MP1517DR–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Input Supply Voltage VIN.............. –0.3V to +27V
SW Pin Voltage VSW .................... –0.3V to +27V
Voltage at All Other
Pins except OLS .................................–0.3V to +6V
Storage Temperature ..............–65
°C to +150°C
Junction Temperature.............................+150
°C
Recommended Operating Conditions
(2)
IN Input Supply Voltage VIN ............. 2.6V to 25V
Output Voltage................................. 3.3V to 25V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN16 (4mm x 4mm)............. 46 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz. Copper.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
IN Shutdown Supply Current
VEN ≤ 0.3V
0.5
1.0
µA
IN Operating Supply Current
VEN > 2V, VFB = 0.8V
0.9
1.2
mA
BP Voltage
VIN = 2.6V to 25V
2.4
V
IN Undervoltage Lockout
Threshold
VIN Rising
2.10
2.40
V
IN Undervoltage Lockout
Hysteresis
100
mV
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.5
V
EN Input Hysteresis
100
mV
EN Input Bias Current
1
µA
SW Switching Frequency
fSW
0.9
1.1
1.3
MHz
SW Maximum Duty Cycle
VFB = 0.6V
85
93
%
Error Amplifier Voltage Gain
(4)
AVEA
400
V/V
Error Amplifier Transconductance
GEA
350
µA/V
COMP Maximum Output Current
Sourcing and Sinking
30
µA
FB Regulation Threshold
679
700
721
mV
FB Input Bias Current
VFB = 0.7V
1
µA
SS Charging Current
During Soft-Start
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com