Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1517DR Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1517DR Datasheet HTML 4Page - Monolithic Power Systems MP1517DR Datasheet HTML 5Page - Monolithic Power Systems MP1517DR Datasheet HTML 6Page - Monolithic Power Systems MP1517DR Datasheet HTML 7Page - Monolithic Power Systems MP1517DR Datasheet HTML 8Page - Monolithic Power Systems MP1517DR Datasheet HTML 9Page - Monolithic Power Systems MP1517DR Datasheet HTML 10Page - Monolithic Power Systems MP1517DR Datasheet HTML 11Page - Monolithic Power Systems MP1517DR Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
8
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The DC loop gain is:
AVDC =
2
OUT
FB
LOAD
IN
VEA
V
V
R
V
A
7
×
×
×
×
Where VFB is the feedback regulation threshold.
There is also a right-half-plane zero (fRHPZ) that
exists in the continuous conduction mode
(inductor current does not drop to zero on each
cycle) step-up converters. The frequency of the
right-half plane zero is:
fRHPZ =
2
2
OUT
LOAD
IN
V
L
2
R
V
×
×
π
×
×
To stabilize the regulation control loop, the
crossover frequency (The frequency where the
loop gain drops to 0dB or a gain of 1) should be
less than half of fRHPZ and should be at most
75KHz. fRHPZ is at its lowest frequency at
maximum output load current.
In some cases, an output capacitor with a high
capacitance
and
high
equivalent
series
resistance (ESR) is used, then a second
compensation capacitor (from COMP to SGND)
is required to compensate for the zero
introduced by the output capacitor ESR. The
extra capacitor is required if the ESR zero is
less than 4x the crossover frequency. The ESR
zero frequency is:
fZESR =
ESR
R
C2
2
1
×
×
π
×
If this is the case, calculate the second
compensation capacitor by the equation:
C6 =
3
R
R
C2
ESR
×
For most applications C6 is not required.
Typical
values
for
the
compensation
components are:
C3 = 10nF
R3 = 2.2kΩ
SEPIC CONVERTER COMPONENT
SELECTION
Selecting the Input Capacitor
An input capacitor is required to supply the AC
ripple current to the inductor, while limiting
noise at the input source. The input capacitor
selection is the same as that in the General
Purpose Component Selection section above.
Selecting the Inductors
The SEPIC converter inductors (refer to Figure
4) are required to store energy, and generate
an output voltage that is less than or greater
than the input voltage. If a coupled inductor is
used in a SEPIC converter, then the mutual
inductance of each winding forces each
inductor
to
become
twice
the
original
inductance. Therefore smaller inductance can
be used with a coupled inductor. But the core
saturation of the coupled inductors is related to
the sum of both inductor currents.
There are two current paths to the internal
N-Channel MOSFET switch in a SEPIC
converter. One is from L1 and the other is from
L2.
Each inductor’s ripple current can be defined
as:
I
f
D
V
1
L
SW
IN
∆
×
×
=
I
f
D)
1
(
V
2
L
SW
UT
O
∆
×
−
×
=
IN
D
OUT
D
OUT
V
V
V
V
V
D
+
+
+
=
Where VD is the voltage drop on diode D1, and
∆I is the peak to peak inductor ripple current.
Set ∆I to approximately 20% of the maximum
switch current. Each inductor’s peak current is:
IN
D
OUT
LOAD
)
PEAK
(
1
L
V
V
V
I
2
I
I
+
×
+
∆
=
IN
D
IN
LOAD
)
PEAK
(
2
L
V
V
V
I
2
I
I
+
×
+
∆
=
The total of these two currents is the total
switch current, and should be less than the
minimum device current limit of 3A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com