Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1519L Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1519L
Description  1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519L Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP1519L Datasheet HTML 1Page - Monolithic Power Systems MP1519L Datasheet HTML 2Page - Monolithic Power Systems MP1519L Datasheet HTML 3Page - Monolithic Power Systems MP1519L Datasheet HTML 4Page - Monolithic Power Systems MP1519L Datasheet HTML 5Page - Monolithic Power Systems MP1519L Datasheet HTML 6Page - Monolithic Power Systems MP1519L Datasheet HTML 7Page - Monolithic Power Systems MP1519L Datasheet HTML 8Page - Monolithic Power Systems MP1519L Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MP1519L – 1X, 1.5X, 2X CHARGE PUMP 3 WHITE LED DRIVER
MP1519L Rev. 1.3
www.MonolithicPower.com
8
7/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
QFN16 (3mm x 3mm)
SIDE VIEW
TOP VIEW
1
16
13
12
9
8
5
4
BOTTOM VIEW
2.90
3.10
1.50
1.80
2.90
3.10
1.50
1.80
0.50
BSC
0.18
0.30
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
1.70
0.50
0.25
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFORMS TO JEDEC MO-220, VARIATION VEED-4.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.30x45” TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
0.70
0.30
0.50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com