Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1522 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1522
Description  25V Step-Up Converter in a SOT23-5 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1522 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1522 Datasheet HTML 1Page - Monolithic Power Systems MP1522 Datasheet HTML 2Page - Monolithic Power Systems MP1522 Datasheet HTML 3Page - Monolithic Power Systems MP1522 Datasheet HTML 4Page - Monolithic Power Systems MP1522 Datasheet HTML 5Page - Monolithic Power Systems MP1522 Datasheet HTML 6Page - Monolithic Power Systems MP1522 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP1522
25V Step-Up Converter
in a SOT23-5 Package
MP1522 Rev. 1.9
www.MonolithicPower.com
1
12/9/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1522 is a step up converter that
generates up to a 25V output voltage from a
2.7V to 25V input. It uses a current limited
Variable
Frequency
control
algorithm
to
optimize efficiency and minimize external
component size and cost. The internal 0.5Ω
N-Channel MOSFET switch can withstand up to
28V allowing the MP1522 to produce high
output voltage with high efficiency.
The MP1522 includes input under voltage and
over temperature protection. The MP1522 is
available in tiny 5-pin SOT23 and 3x3 QFN6
packages.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV0022
2.2”X x 1.5”Y x 0.5”Z
FEATURES
• Internal 0.5Ω Power Switch
• Output Voltage up to 25V
• Up to 90% Efficiency
• Low 1µA Shutdown Current
• Input Under Voltage Protection
• Thermal Shutdown
• Internal Current Limit
• Available in Tiny 5-Pin SOT23 and 6-Pin
3x3 QFN Packages
APPLICATIONS
• Handheld Computers, PDAs
• Cell Phones
• Digital Still and Video Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1522_TAC_S01
MP1522 BIAS
FB
SW
GND
EN
2
4
3
5
1
OFF ON
VOUT
20V
VIN
3.3V
C2
1nF
D1
RB751
100
90
80
70
60
50
LOAD CURRENT (mA)
MP1522_TAC_EC01
Efficiency vs Load Current
with BIAS Tied to VOUT
1
100
10
1000
3.3V
5.0V
10V
VOUT = 12V


Similar Part No. - MP1522

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1522 MPS-MP1522 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
MP1522 MPS-MP1522 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
MP1522DT MPS-MP1522DT Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
MP1522ET MPS-MP1522ET Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
MP1522 MPS-MP1522_06 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
More results

Similar Description - MP1522

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
SOT23-5 PWM Step-up DC/DC Converter?
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
WHITE LED STEP-UP CONVERTER IN SOT23
logo
Monolithic Power System...
EV1517DR-00A MPS-EV1517DR-00A Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517 MPS-MP1517 Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
MP1522 MPS-MP1522_06 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com