Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV0022 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # EV0022
Description  25V Step-Up Converter in a SOT23-5 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0022 Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV0022 Datasheet HTML 1Page - Monolithic Power Systems EV0022 Datasheet HTML 2Page - Monolithic Power Systems EV0022 Datasheet HTML 3Page - Monolithic Power Systems EV0022 Datasheet HTML 4Page - Monolithic Power Systems EV0022 Datasheet HTML 5Page - Monolithic Power Systems EV0022 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MP1522 – 25V STEP-UP CONVERTER IN A SOT23-5 PACKAGE
MP1522 Rev. 2.0
www.MonolithicPower.com
2
9/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP1522ET
SOT23-5
–20
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1522ET–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP1522ET–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
BIAS .............................................. –0.3V to 28V
SW................................................. –0.5V to 28V
All Other Pins................................... –0.3V to 6V
Junction Temperature...............................150
°C
Solder Temperature..................................260
°C
Storage Temperature ................–65°C to 150
°C
Recommended Operating Conditions
(2)
BIAS Supply Voltage ....................... 2.7V to 25V
Output Voltage....................................VIN to 25V
Operating Temperature .............–20
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOT23-5 ................................ 220 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VBIAS = VEN = 5.0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IBIAS (OFF) VEN = 0V
1
3
µA
Supply Current (Quiescent)
IBIAS(ON) VFB = 1.3V
650
750
µA
Min Off Time, Normal
Operation
TOFF
VFB = 1.23V
300
550
700
ns
Min Off Time, Start-Up
(4)
TOFF
VFB = 0V
1.6
µs
Undervoltage Lockout
BIAS Under Voltage Lockout
UVLO
VBIAS Rising,
100mV Hysteresis (Typical)
2.1
2.3
2.65
V
Enable
EN Threshold
VEN Rising
0.8
1.1
2.0
V
EN Hysteresis
60
mV
EN Input Bias Current
VEN = 0V, 5V
1
µA
Feedback Comparator
FB Regulation Threshold
VFB Falling
1.19
1.23
1.27
V
FB Hysteresis
(5)
10
mV
FB Input Bias Current
VFB = 1.23V
–150
–80
nA
Output Switch
SW On-Resistance
(5)
RON
VBIAS = 5.0V
0.5
0.6
Ω
SW Current Limit
300
450
mA
SW Leakage Current
VSW=25V
10
µA
Thermal Shutdown
(5)
160
°C
Notes:
4) First 64 pulses after EN switches High
5) Guaranteed by design.
TOP VIEW
SW
GND
FB
1
2
3
5
4
BIAS
EN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com