| Electronic Components Datasheet Search |
|
XRT86VL32IB Datasheet(PDF) 49 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL32IB Datasheet(HTML) 49 Page - Exar Corporation |
|
49 / 153 page ![]() XRT86VL3X 42 REV. 1.2.2 T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION 4.4.2 Configure the E1 Transmit Overhead Input Interface module as source of the National Bit Sequence in E1 framing format mode The National Bit Sequence in E1 framing format mode can be inserted from: • E1 Transmit Overhead Input Interface Block • E1 Transmit HDLC Controller • E1 Transmit Serial Input Interface The purpose of the Transmit Overhead Input Interface is to permit Data Link equipment direct access to the Sa4 through Sa8 National bits that are to be transported via the outbound frames. The Transmit Data Link Source Select [1:0] bits, within the Synchronization MUX Register (SMR) determine source of the Sa4 through Sa8 National bits to be inserted into the outgoing E1 frames. The table below shows configuration of the Transmit Data Link Source Select [1:0] bits of the Synchronization MUX Register (SMR). If the Transmit Data Link Source Select bits of the Transmit Data Link Select Register are set to 10, the Transmit Overhead Input Interface Block becomes input source of the FDL bits. The XRT86VL3x allows the user to decide on the following: • How many of the National Bits will be used to carry the Data Link information bits • Which of these National Bits will be used to carry the Data Link information bits. The Transmit Sa Data Link Select bits of the Transmit Signaling and Data Link Select Register (TSDLSR) determine which ones of the National bits are configured as Data Link bits in E1 framing format mode. Depending upon the configuration of the Transmit Signaling and Data Link Select Register, either of the following cases may exists: • None of the National bits are used to transport the Data Link information bits (That is, data link channel of XRT86VL3x is inactive). FIGURE 42. BLOCK DIAGRAM OF THE E1 TRANSMIT OVERHEAD INPUT INTERFACE OF XRT86VL3X SYNCHRONIZATION MUX REGISTER (SMR) (ADDRESS = 0XN109H) BIT NUMBER BIT NAME BIT TYPE BIT DESCRIPTION 3-2 Transmit Data Link Source Select [1:0] R/W 00 - The Sa4 through Sa8 National bits are inserted into the framer through the Transmit Serial Data input Interface via the TxSer_n pins. 01 - The Sa4 through Sa8 National bits are inserted into the framer through the Transmit LAPD Controller. 10 - The Sa4 through Sa8 National bits are inserted into the framer through the Transmit Overhead Input Interface via the TxOH_n pins. 11 - The Sa4 through Sa8 National bits are inserted into the framer through the Transmit Serial Data input Interface via the TxSer_n pins. Transmit Overhead Input Interface TxOH_n TxOHClk_n To Transmit Framer Block |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |