Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1531DM Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1531DM Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP1531DM Datasheet HTML 4Page - Monolithic Power Systems MP1531DM Datasheet HTML 5Page - Monolithic Power Systems MP1531DM Datasheet HTML 6Page - Monolithic Power Systems MP1531DM Datasheet HTML 7Page - Monolithic Power Systems MP1531DM Datasheet HTML 8Page - Monolithic Power Systems MP1531DM Datasheet HTML 9Page - Monolithic Power Systems MP1531DM Datasheet HTML 10Page - Monolithic Power Systems MP1531DM Datasheet HTML 11Page - Monolithic Power Systems MP1531DM Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP1531 – LOW POWER, TRIPLE OUTPUT STEP-UP PLUS CHARGE PUMP FOR TFT BIAS
MP1531 Rev. 1.2
www.MonolithicPower.com
9
5/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
To insure stable operation place the input
capacitor as close to the IC as possible.
Alternately a smaller high quality 0.1µF ceramic
capacitor may be placed closer to the IC if the
larger capacitor is placed further away.
Selecting the Rectifier Diodes
Schottky diodes are recommended for most
applications because of their fast recovery time
and low forward voltage. Use Schottky diodes
with a current rating equal to or greater than 4
times the average output current, and a voltage
rating at least 1.5 times VGH for the positive
charge-pump and VGL for the negative charge-
pump. 100mA Schottky diodes such as Central
Semiconductor CMPSH-3 are recommended
for low current charge-pump circuits.
Selecting the Output Capacitor of the Step-
Up Converter
The output capacitor is required to maintain the
DC output voltage. Low ESR capacitors are
preferred to keep the output voltage ripple to a
minimum. The characteristics of the output
capacitor also affect the stability of the
regulation control system. A 10-22µF ceramic
capacitor works well in most applications. In the
case of ceramic capacitors, the impedance of
the capacitor at the switching frequency is
dominated by the capacitance, and so the
output voltage ripple is mostly independent of
the ESR. The output voltage ripple is estimated
to be:
SW
MAIN
LOAD
IN
MAIN
RIPPLE
f
2
C
V
I
)
V
V
(
V
×
×
×
Where VRIPPLE is the output ripple voltage, ILOAD
is the load current, and C2 is the capacitance of
the output capacitor of the step-up converter.
Selecting the Number of Charge-Pump
Stages
For highest efficiency, always choose the
lowest number of charge-pump stages that
meets the output requirement.
The number of positive charge-pump stages
NPOS is approximately given by:
()
D
MAIN
MAIN
DROPOUT
GH
POS
V
2
V
V
V
V
N
×
+
Where VD is the forward voltage drop of the
charge-pump diode, and VDROPOUT is the
dropout margin for the linear regulator. The
positive charge-pump can also be configured
based on VIN for better efficiency. Then the
equation will be:
(
)
D
MAIN
IN
DROPOUT
GH
POS
V
2
V
V
V
V
N
×
+
The number of negative charge-pump stages
NNEG is approximately given by:
D
MAIN
DROPOUT
GL
NEG
V
2
V
V
V
N
×
+
Use VDROPOUT = 0.5V for positive charge-pump
and VDROPOUT = 0.15V for negative charge-pump.
Selecting the Flying Capacitor in Charge-
Pump Stages
Increasing the flying capacitor CX values
increases the output current capability. A
0.33µF ceramic capacitor works well in most
low current applications. The flying capacitor’s
voltage rating must exceed the following:
MAIN
CX
V
N
V
×
>
Where N is the stage number in which the flying
capacitor appears.
Step-Up Converter Compensation
The MP1531 uses current-mode control which
unlike voltage mode has only a single pole roll
off due to the output filter. The DC gain (AVDC) is
equated from the product of current control to
output gain (AVCSCONTROL), error amplifier gain
(AVEA), and the feedback divider.
1
FB
EA
CSCONTROL
DC
A
Av
A
Av
×
×
=
LOAD
IN
CSCONTROL
I
V
4
A
×
=
MAIN
1
FB
1
FB
V
V
A
=
MAIN
LOAD
1
FB
IN
DC
V
I
V
V
1600
Av
×
×
×
=
The output filter pole is given in hertz by:
2
C
V
I
f
MAIN
LOAD
FILTERPOLE
×
×
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com