Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1542 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1542
Description  700KHz/1.3MHz Boost Converter with a 2A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1542 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1542 Datasheet HTML 1Page - Monolithic Power Systems MP1542 Datasheet HTML 2Page - Monolithic Power Systems MP1542 Datasheet HTML 3Page - Monolithic Power Systems MP1542 Datasheet HTML 4Page - Monolithic Power Systems MP1542 Datasheet HTML 5Page - Monolithic Power Systems MP1542 Datasheet HTML 6Page - Monolithic Power Systems MP1542 Datasheet HTML 7Page - Monolithic Power Systems MP1542 Datasheet HTML 8Page - Monolithic Power Systems MP1542 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP1542
700KHz/1.3MHz Boost Converter
with a 2A Switch
MP1542 Rev. 1.2
www.MonolithicPower.com
1
12/14/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1542 is a current mode step up
converter with a 2A, 0.18Ω internal switch to
provide a highly efficient regulator with fast
response. The MP1542 can be operated at
700KHz or 1.3MHz allowing for easy filtering
and low noise. An external compensation pin
gives the user flexibility in setting loop
dynamics, which allows the use of small, low-
ESR ceramic output capacitors. Soft-start
results in small inrush current and can be
programmed with an external capacitor. The
MP1542 operates from an input voltage as low
as 2.5V and can generate 12V at up to 500mA
from a 5V supply.
The MP1542 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload. The MP1542 is available in low profile
8-pin MSOP packages.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV1542DK-00A
2.0”X x 2.0”Y
FEATURES
• 2A, 0.18Ω, 25V Power MOSFET
• Uses Tiny Capacitors and Inductors
• Pin Selectable 700KHz or 1.3MHz Fixed
Switching Frequency
• Programmable Soft-Start
• Operates with Input Voltage as Low as 2.5V
and Output Voltage as High as 22V
• 12V at 500mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in 8-Pin MSOP Packages
APPLICATIONS
• LCD Displays
• Portable Applications
• Handheld Computers and PDAs
• Digital Still and Video Cameras
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
3.3V
VOUT
8V
MP1542
SW
IN
FB
COMP
1
2
6
7
3
8
4
5
SS
GND
EN
FSEL
OFF ON
MP1542_TAC01
D1
C4
10nF
C3
2.2nF
95
90
85
80
75
70
65
60
55
50
LOAD CURRENT (mA)
MP1542-EC02
Efficiency vs
Load Current
1
10
100
1000
VIN = 3.3V
VOUT = 8V


Similar Part No. - MP1542

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1542 MPS-MP1542 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542DK MPS-MP1542DK Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542DK MPS-MP1542DK Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542DK MPS-MP1542DK Datasheet
221Kb / 5P
MP1542 TFT Applications Evaluation Board
MP1542DK MPS-MP1542DK Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
More results

Similar Description - MP1542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Monolithic Power System...
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3213DH-00A MPS-EV3213DH-00A Datasheet
184Kb / 4P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
MP1541 MPS-MP1541 Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP3213 MPS-MP3213 Datasheet
458Kb / 10P
700KHz/1.3MHz Boost Converter with a 3.5A Switch
MP1541 MPS-MP1541_06 Datasheet
317Kb / 8P
1.3MHz Boost Converter
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3213DH-00B MPS-EV3213DH-00B Datasheet
350Kb / 8P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com