Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1580 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1580
Description  2A, 380 KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1580 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1580 Datasheet HTML 1Page - Monolithic Power Systems MP1580 Datasheet HTML 2Page - Monolithic Power Systems MP1580 Datasheet HTML 3Page - Monolithic Power Systems MP1580 Datasheet HTML 4Page - Monolithic Power Systems MP1580 Datasheet HTML 5Page - Monolithic Power Systems MP1580 Datasheet HTML 6Page - Monolithic Power Systems MP1580 Datasheet HTML 7Page - Monolithic Power Systems MP1580 Datasheet HTML 8Page - Monolithic Power Systems MP1580 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP1580 – 2A, 380KHz STEP-DOWN CONVERTER
MP1580 Rev. 3.0
www.MonolithicPower.com
4
12/5/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
OPERATION
The MP1580 is a current mode regulator; the
COMP pin voltage is proportional to the peak
inductor current. At the beginning of a cycle: the
upper transistor M1 is off; the lower transistor
M2 is on (refer to Figure 1); the COMP pin
voltage is higher than the current sense
amplifier output and the current comparator’s
output is low. The rising edge of the 380KHz
CLK signal sets the RS Flip-Flop. Its output
turns off M2 and turns on M1, thus connecting
the SW pin and inductor to the input supply.
The increasing inductor current is sensed and
amplified by the Current Sense Amplifier. Ramp
compensation is summed to Current Sense
Amplifier output and compared to the Error
Amplifier output by the Current Comparator.
When the Current Sense Amplifier plus Slope
Compensation signal exceeds the COMP pin
voltage, the RS Flip-Flop is reset and the
MP1580 reverts to its initial M1 off, M2 on,
state. If the Current Sense Amplifier plus Slope
Compensation signal does not exceed the
COMP voltage, then the falling edge of the CLK
resets the Flip-Flop.
The output of the Error Amplifier integrates the
voltage difference between the feedback and
the 1.222V bandgap reference. The polarity is
such that an FB pin voltage less than 1.222V
increases the COMP pin voltage. Since the
COMP pin voltage is proportional to the peak
inductor current, an increase in its voltage
increases the current delivered to the output.
The lower 10Ω switch ensures that the
bootstrap capacitor voltage is charged during
light load conditions. An external Schottky
Diode D1 carries the inductor current when M1
is off (see Figure 1).
MP1580_BD01
LOCKOUT
COMPARATOR
ERROR
AMPLIFIER
FREQUENCY
FOLDBACK
COMPARATOR
INTERNAL
REGULATORS
1.8V
SLOPE
COMP
CLK
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
SHUTDOWN
COMPARATOR
COMP
6
IN 2
EN 7
SYNC 8
GND
4
OSCILLATOR
40/380kHz
S
R
Q
SW
3
BS
1
5V
+
Q
0.7V
+
+
2.285V/
2.495V
+
1.222V
0.7V
+
+
FB
5
--
--
--
--
--
--
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com