Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1593 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1593
Description  3A, 28V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1593 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1593 Datasheet HTML 1Page - Monolithic Power Systems MP1593 Datasheet HTML 2Page - Monolithic Power Systems MP1593 Datasheet HTML 3Page - Monolithic Power Systems MP1593 Datasheet HTML 4Page - Monolithic Power Systems MP1593 Datasheet HTML 5Page - Monolithic Power Systems MP1593 Datasheet HTML 6Page - Monolithic Power Systems MP1593 Datasheet HTML 7Page - Monolithic Power Systems MP1593 Datasheet HTML 8Page - Monolithic Power Systems MP1593 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP1593
3A, 28V, 385KHz
Step-Down Converter
MP1593 Rev. 1.8
www.MonolithicPower.com
1
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP1593 is a step-down regulator with an
internal Power MOSFET. It achieves 3A
continuous output current over a wide input
supply range with excellent load and line
regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. Adjustable
soft-start reduces the stress on the input source
at turn-on. In shutdown mode the regulator draws
20µA of supply current.
The MP1593 requires a minimum number of
readily
available
external
components
to
complete a 3A step down DC to DC converter
solution.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV1593DN-00A
2.1”X x 1.3”Y x 0.4”Z
FEATURES
• 3A Output Current
• Programmable Soft-Start
• 100mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 95% Efficiency
• 20µA Shutdown Mode
• Fixed 385KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 28V Operating Input Range
• Output Adjustable from 1.22V
• Under Voltage Lockout
• Available in 8-Pin SOIC Package
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
• Flat Panel TVs
• Set-Top Boxes
• Cigarette Lighter Powered Devices
• DVD/PVR Devices
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
INPUT
4.75V to 28V
OUTPUT
3.3V
3A
C3
8.2nF
D1
B340A
C5
10nF
MP1593
BS
IN
FB
SW
SS
GND
COMP
EN
C6
(optional)
MP1593_TAC01
1
3
5
6
4
8
7
2
OFF ON
100
95
90
85
80
75
70
65
60
55
50
LOAD CURRENT (mA)
MP1593_TAC _EC01
Efficiency vs
Load Current
0
500 1000 1500 2000 2500 3000 3500
VIN = 9V
VIN = 12V
VIN = 24V


Similar Part No. - MP1593

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
257Kb / 5P
4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
MP1593 MPS-MP1593 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593DN MPS-MP1593DN Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
More results

Similar Description - MP1593

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP2365 MPS-MP2365 Datasheet
390Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1583 MPS-MP1583 Datasheet
335Kb / 13P
3A, 23V, 385KHz Step-Down Converter
MP1584 MPS-MP1584 Datasheet
387Kb / 17P
3A, 1.5MHz, 28V Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
MP1423 MPS-MP1423 Datasheet
323Kb / 11P
3A, 23V, 385KHz Step-Down Converter
1/6/2006 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com