Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM40N40DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM40N40DF
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM40N40DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM40N40DF Datasheet HTML 1Page - Rectron Semiconductor RM40N40DF Datasheet HTML 2Page - Rectron Semiconductor RM40N40DF Datasheet HTML 3Page - Rectron Semiconductor RM40N40DF Datasheet HTML 4Page - Rectron Semiconductor RM40N40DF Datasheet HTML 5Page - Rectron Semiconductor RM40N40DF Datasheet HTML 6Page - Rectron Semiconductor RM40N40DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (TC=25
unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250 A
40
45
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=40V,VGS=0V
-
-
1
A
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250 A
1.0
-
2.0
V
VGS=10V, ID=20A
-
8.5
10
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=10A
-
10
15
m
Forward Transconductance
gFS
VDS=10V,ID=20A
26
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
-
2000
PF
Output Capacitance
Coss
Reverse Transfer Capacitance
Crss
VDS=20V,VGS=0V,
F=1.0MHz
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
8.5
-
nS
Turn-on Rise Time
tr
-
76
-
nS
Turn-Off Delay Time
td(off)
-
213
-
nS
Turn-Off Fall Time
tf
VDD=20V,ID=20A,RL=1
VGS=10V,RG=3
-
130
-
nS
Total Gate Charge
Qg
-
50
nC
Gate-Source Charge
Qgs
-
8
nC
Gate-Drain Charge
Qgd
VDS=20V,ID=20A,
VGS=10V
-
11
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=20A
-
1.4
V
Diode Forward Current
(Note 2)
IS
-
-
40
A
Reverse Recovery Time
trr
-
30
-
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = 20A
di/dt = 100A/ s
(Note3)
-
35
-
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t
10 sec.
3. Pulse Test: Pulse Width
300 s, Duty Cycle
2%.
4. Guaranteed by design, not subject to production
-
-
-
-
160
PF
140
PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com