Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2105 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2105
Description  1MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2105 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2105 Datasheet HTML 1Page - Monolithic Power Systems MP2105 Datasheet HTML 2Page - Monolithic Power Systems MP2105 Datasheet HTML 3Page - Monolithic Power Systems MP2105 Datasheet HTML 4Page - Monolithic Power Systems MP2105 Datasheet HTML 5Page - Monolithic Power Systems MP2105 Datasheet HTML 6Page - Monolithic Power Systems MP2105 Datasheet HTML 7Page - Monolithic Power Systems MP2105 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP2105 – 1MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2105 Rev. 1.2
www.MonolithicPower.com
4
8/19/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPCIAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.3V, VOUT = 1.8V, L1 = 4.7µH, C1 = 4.7µF, C3 = 10µF, TA = +25°C, unless otherwise noted.
MP2105-TPC09
Short Circuit Protection
(No Load)
MP2105-TPC07
Heavy Load Operation
IOUT = 800mA
MP2105-TPC10
Short Circuit Recovery
(No Load)
MP2105-TPC08
Startup from Shutdown
VOUT
10mV/div.
IL
0.2A/div.
IL=0
SW
2V/div.
VOUT
1V/div.
IL
0.5A/div.
VOUT
1V/div.
IL
0.5A/div.
VEN
2V/div.
VOUT
1V/div.
IL
0.5A/div.
PIN FUNCTIONS
Pin # Name Description
EN
1
Regulator Enable Control Input. Drive EN above 1.5V to turn on the MP2105. Drive EN below
0.3V to turn it off (shutdown current < 0.1µA).
GND
2
Ground
SW
3
Power Switch Output. Inductor connection to drains of the internal PFET and NFET switches.
IN
4
Supply Input. Bypass to GND with a 2.2µF or greater ceramic capacitor.
FB
5
Feedback Input. Connect FB to the center point of the external resistor divider. The feedback
threshold voltage is 0.6V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com