Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2106 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2106
Description  1.5A, 15V, 800KHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2106 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2106 Datasheet HTML 1Page - Monolithic Power Systems MP2106 Datasheet HTML 2Page - Monolithic Power Systems MP2106 Datasheet HTML 3Page - Monolithic Power Systems MP2106 Datasheet HTML 4Page - Monolithic Power Systems MP2106 Datasheet HTML 5Page - Monolithic Power Systems MP2106 Datasheet HTML 6Page - Monolithic Power Systems MP2106 Datasheet HTML 7Page - Monolithic Power Systems MP2106 Datasheet HTML 8Page - Monolithic Power Systems MP2106 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2106 – 1.5A, 15V, 800KHz SYNCHRONOUS BUCK CONVERTER
MP2106 Rev. 1.6
www.MonolithicPower.com
5
2/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
MP2106_BD01
RUN
VIN
7
6
8
9
2
3
10
1
4
5
FB
R2
R1
PGND
C7
C2
C1
LX
L1
VREF
VBP
2.4V
VBP
VIN
2.6V to 15V
SGND
VOUT
OFF ON
800KHz
OSCILLATOR
RAMP
PWM
COMPARATOR
ENABLE
CKT & LDO
REGULATOR
GATE
DRIVE
REGULATOR
UVLO &
THERMAL
SHUTDOWN
CURRENT
LIMIT
COMPARATOR
CONTROL
LOGIC
--
+
Vdr
Vdr
Vdr
SS
C5
C6
VFB
0.895V
GM
ERROR
AMPLIFIER
CURRENT
LIMIT
THRESHOLD
--
--
+
COMP
R3
C3
C4
--
--
+
+
CURRENT
SENSE
AMPLIFIER
--
+
BST
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com