Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2108 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2108
Description  2A, 6V, 740KHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2108 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2108 Datasheet HTML 1Page - Monolithic Power Systems MP2108 Datasheet HTML 2Page - Monolithic Power Systems MP2108 Datasheet HTML 3Page - Monolithic Power Systems MP2108 Datasheet HTML 4Page - Monolithic Power Systems MP2108 Datasheet HTML 5Page - Monolithic Power Systems MP2108 Datasheet HTML 6Page - Monolithic Power Systems MP2108 Datasheet HTML 7Page - Monolithic Power Systems MP2108 Datasheet HTML 8Page - Monolithic Power Systems MP2108 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2108 – 2A, 6V, 740KHz SYNCHRONOUS BUCK CONVERTER
MP2108 Rev 1.1
www.MonolithicPower.com
3
10/2/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Oscillator
Switching Frequency
fSW
620
740
920
KHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
85
%
Minimum On Time
TON
200
ns
Error Amplifier
Voltage Gain
AVEA
400
V/V
Transconductance
GEA
450
µA/V
COMP Maximum Output Current
±40
µA
FB Regulation Voltage
VFB
875
895
915
mV
FB Input Bias Current
IFB
VFB = 0.9V
–100
nA
Soft-Start
Soft-Start Current
ISS
2
µA
Output Switch On-Resistance
VIN = 5V
190
mΩ
Switch On Resistance
VIN = 3V
280
mΩ
VIN = 5V
160
mΩ
Synchronous Rectifier On Resistance
VIN = 3V
230
mΩ
Switch Current Limit (Source)
2.5
3.5
A
Synchronous Rectifier Current Limit
(Sink)
350
mA
Thermal Shutdown
160
°C
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Power Switch Boost. BST powers the gate of the high-side N-Channel power MOSFET
switch. Connect a 10nF or greater capacitor between BST and LX.
2
VIN
Internal Power Input. VIN supplies the power to the MP2108 through the internal LDO
regulator. Bypass VIN to PGND with a 10µF or greater capacitor. Connect VIN to the input
source voltage.
3
LX
Output Switching Node. LX is the source of the high-side N-Channel switch and the drain
of the low-side N-Channel switch. Connect the output LC filter between LX and the output.
4
PGND
Power Ground. PGND is the source of the N-Channel MOSFET synchronous rectifier.
Connect PGND to SGND as close to the MP2108 as possible.
5
SGND
Signal Ground.
6
SS
Soft-Start Input. Place a capacitor from SS to SGND to set the soft-start period. The
MP2108 sources 2µA from SS to the soft-start capacitor at start-up. As the voltage at SS
rises, the feedback threshold voltage increases to limit inrush current at startup.
7
FB
Feedback Input. FB is the inverting input of the internal error amplifier. Connect a resistive
voltage divider from the output voltage to FB to set the output voltage.
8
COMP
Compensation Node. COMP is the output of the error amplifier. Connect a series RC
network to compensate the regulation control loop.
9
VREF
Internal 2.4V Regulator Bypass. Connect a 10nF capacitor between VREF and SGND to
bypass the internal regulator. Do not apply any load to VREF.
10
RUN
On/Off Control Input. Drive RUN high to turn on the MP2108, drive RUN low to turn the
MP2108 off. For automatic startup, connect RUN to VIN via a 100kΩ pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com