Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLL024N Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLL024N
Description  N-Ch 60V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLL024N Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLL024N Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL024N Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL024N Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL024N Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IRLL024N
N-Ch 60V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25
Continuous Drain Current, VGS @ 10V1
5
A
ID@TA=70
Continuous Drain Current, VGS @ 10V1
3.5
A
IDM
Pulsed Drain Current2
30
A
EAS
Single Pulse Avalanche Energy3
22
mJ
IAS
Avalanche Current
21
A
PD@TA=25
Total Power Dissipation4
2.7
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
Thermal Resistance Junction-ambient
RθJA
1
---
85
/W
Thermal Resistance Junction-Case
RθJC
1
---
45
/W
BVDSS
RDSON
ID
60V
50m
Ω
5A
 Green Device Available
 Super Low Gate Charge
 Excellent CdV/dt effect decline
The IRLL024N is the high cell density
trenched N-ch MOSFETs, which provide excellent
RDSON and gate charge for most of the
synchronous buck converter applications.
The IRLL024N meet the RoHS and
Green Product requirement with full function
reliability approved.
Advanced high cell density Trench
technology
Description
Absolute Maximum Ratings
Thermal Data
SOT223 Pin Configuration
Product Summary
Rev:2023A2
1


Similar Part No. - IRLL024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL024N IRF-IRLL024N Datasheet
114Kb / 8P
HEXFET Power MOSFET
IRLL024NPBF IRF-IRLL024NPBF Datasheet
144Kb / 8P
HEXFET Power MOSFET
IRLL024NPBF IRF-IRLL024NPBF Datasheet
150Kb / 8P
ADVANCED PROCESS TECHNOLOGY
IRLL024NPBF IRF-IRLL024NPBF_15 Datasheet
150Kb / 8P
ADVANCED PROCESS TECHNOLOGY
IRLL024NQ IRF-IRLL024NQ Datasheet
165Kb / 10P
HEXFET짰 Power MOSFET
More results

Similar Description - IRLL024N

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UD6006 UNITPOWER-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UI6008 UNITPOWER-UI6008 Datasheet
731Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6006D UPI-QM6006D Datasheet
237Kb / 4P
N-Ch 60V Fast Switching MOSFETs
QM6008G UPI-QM6008G Datasheet
229Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA6048 FETEK-FKBA6048 Datasheet
469Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : B
FKBA6054 FETEK-FKBA6054 Datasheet
492Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBB6058 FETEK-FKBB6058 Datasheet
516Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com