Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT94L31 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT94L31
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L31 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT94L31 Datasheet HTML 17Page - Exar Corporation XRT94L31 Datasheet HTML 18Page - Exar Corporation XRT94L31 Datasheet HTML 19Page - Exar Corporation XRT94L31 Datasheet HTML 20Page - Exar Corporation XRT94L31 Datasheet HTML 21Page - Exar Corporation XRT94L31 Datasheet HTML 22Page - Exar Corporation XRT94L31 Datasheet HTML 23Page - Exar Corporation XRT94L31 Datasheet HTML 24Page - Exar Corporation XRT94L31 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
XRT94L31
21
REV. 1.0.1
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
F8
TxTOH
I
TTL
Transmit TOH Input Port - Input pin:
This input pin, along with the TxTOHIns input pin, the TxTOHEnable and
TxTOHFrame and TxTOHClk output pins function as the Transmit TOH
Input Port.To externally insert user values of TOH into the outbound
STS-3 data stream via the Transmit TOH Input Port, do the following.
• Continuously sample the state of TxTOHFrame and TxTOHEnable
upon the rising edge of TxTOHClk
• Whenever TxTOHEnable pulses "High", then the user's external
circuitry should drive the TxTOHIns input pin "High"
• Next, output the next TOH bit, onto this input pin, upon the rising edge
of TxTOHClk. The Transmit TOH Input Port will sample the data (on
this input pin) upon the falling edge of TxTOHClk.
NOTE: Data at this input pin will be ignored (e.g., not sampled) unless
the TxTOHEnable output pin is "High" and the TxTOHIns input
pin is pulled "High".
E8
TxTOHFrame
O
CMOS
Transmit TOH Input Port - STS-3/STM-1 Frame Indicator:
This output pin, along with TxTOHClk, TxTOHEnable output pins, and
the TxTOH and TxTOHIns input pins function as the Transmit TOH Input
Port.This output pin will pulse "High" (for one period of TxTOHClk), one
TxTOHClk clock period prior to the first TOH bit of a given STS-3 frame,
being expected via the TxTOH input pin.To externally insert user values
of TOH into the outbound STS-3 data stream via the Transmit TOH Input
Port, do the following.
• Continuously sample the state of TxTOHEnable and this output pin
upon the rising edge of TxTOHClk.
• Whenever the TxTOHEnable output pin pulse "High", then the user's
external circuitry should drive the TxTOHIns input pin "High".
• Next, output the next TOH bit, onto the TxTOH input pin, upon the
rising edge of TxTOHClk.
NOTE: The external circuitry (which is being interfaced to the Transmit
TOH Input Port can use this particular output pin to denote the
boundary of STS-3 frames.
PIN DESCRIPTION OF THE XRT94L31 (REV. B)
PIN #
SIGNAL NAME
I/O
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com