Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISF1209 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1209
Description  N-Channel MOSFET Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1209 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1209 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1209 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1209 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISF1209 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISF1209 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISF1209 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISF1209 Datasheet HTML 7Page - Inchange Semiconductor Company Limited ISF1209 Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISF1209
eq IXFK48N60Q3
N-Channel MOSFET Transistor
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID =1mA
600
-
-
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID =4mA
3.5
-
6.5
V
RDS(on)
Drain-Source On-Resistance
VGS=10V; ID=24A
-
-
140
mΩ
IGSS
Gate-Source Leakage Current
VGS= ±30V;VDS=0V
-
-
±200
nA
IDSS
Drain-Source Leakage Current
VDS=600V; VGS= 0V
-
-
25
μ
A
gfs
Forward Transconductance
VDS = 20V, ID = 24A
20
-
S
Ciss
Input Capacitance
VGS = 0V,
VDS = 25V,
f = 1.0MHz
-
1200
-
pF
Coss
Output Capacitance
-
80
-
Crss
Reverse Transfer Capacitance
-
1150
-
Qg
Total Gate Charge
VDD = 300V,
ID = 32A,
VGS = 10V
-
200
-
nC
Qgs
Gate-Source Charge
-
70
-
Qgd
Gate-Drain Charge
-
68
-
td(on)
Turn-on Delay Time
VDD = 300V,
ID = 32A,
RG = 1.0Ω,
VGS = 10V
-
28
-
ns
tr
Turn-on Rise Time
-
25
-
td(off)
Turn-off Delay Time
-
80
-
tf
Turn-off Fall Time
-
25
-
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
Tc = 25 ºC
-
-
48
A
ISM
Pulsed Source Current
-
-
192
A
VSD
Diode Forward Voltage
ISD= 48A, VGS= 0V
-
-
1.4
V
trr
Reverse Recovery Time
VDD = 100V, IF = 50A,
diF/dt = 100A /μs
-
140
-
ns
Qrr
Reverse Recovery Charge
-
0.6
-
uC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com