Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2309 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2309
Description  1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2309 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2309 Datasheet HTML 1Page - Monolithic Power Systems MP2309 Datasheet HTML 2Page - Monolithic Power Systems MP2309 Datasheet HTML 3Page - Monolithic Power Systems MP2309 Datasheet HTML 4Page - Monolithic Power Systems MP2309 Datasheet HTML 5Page - Monolithic Power Systems MP2309 Datasheet HTML 6Page - Monolithic Power Systems MP2309 Datasheet HTML 7Page - Monolithic Power Systems MP2309 Datasheet HTML 8Page - Monolithic Power Systems MP2309 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2309 – 1A, 23V, 340KHz SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP2309 Rev. 1.4
www.MonolithicPower.com
2
3/13/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
BS
IN
SW
GND
SS
EN
COMP
FB
1
2
3
4
8
7
6
5
TOP VIEW
MP2309_PD01_SOIC8
Part Number*
Package
Temperature
MP2309DS
SOIC8
–40° to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2309DS–Z)
For Lead Free, add suffix –LF (eg. MP2309DS–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN....................... –0.3V to +26V
Switch Voltage VSW.................. –1V to VIN +0.3V
Boost Voltage VBS..........VSW – 0.3V to VSW + 6V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature .............–65°C to +150°C
Recommended Operating Conditions
(2)
Input Voltage VIN............................ 4.75V to 23V
Output Voltage VOUT .................... 0.923V to 20V
Ambient Operating Temperature .... –40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8..................................... 90 ...... 45...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Shutdown Supply Current
VEN = 0V
1
3.0
µA
Supply Current
VEN = 2.0V, VFB = 1.0V
1.3
1.5
mA
Feedback Voltage
VFB
4.75V
≤ VIN ≤ 23V
0.900
0.923
0.946
V
Feedback Overvoltage Threshold
1.1
V
Error Amplifier Voltage Gain
(4)
AEA
400
V/V
Error Amplifier Transconductance
GEA
∆IC = ±10µA
800
µA/V
High-Side Switch On Resistance
(4)
RDS(ON)1
140
mΩ
Low-Side Switch On Resistance
(4)
RDS(ON)2
140
mΩ
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
10
µA
Upper Switch Current Limit
Minimum Duty Cycle
1.4
2
A
Lower Switch Current Limit
From Drain to Source
0.8
A
COMP to Current Sense
Transconductance
GCS
2.4
A/V
Oscillation Frequency
Fosc1
340
KHz
Short Circuit Oscillation Frequency
Fosc2
VFB = 0V
100
KHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
90
%
Minimum On Time
(4)
220
nS
EN Shutdown Threshold
VEN Rising
1.1
1.5
2.0
V
EN Shutdown Threshold Hysteresis
210
mV
EN Lockout Threshold Voltage
2.2
2.5
2.7
V
EN Lockout Hysteresis
210
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com