Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2351 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2351
Description  1.5A, 23V, 1.4MHz Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2351 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2351 Datasheet HTML 1Page - Monolithic Power Systems MP2351 Datasheet HTML 2Page - Monolithic Power Systems MP2351 Datasheet HTML 3Page - Monolithic Power Systems MP2351 Datasheet HTML 4Page - Monolithic Power Systems MP2351 Datasheet HTML 5Page - Monolithic Power Systems MP2351 Datasheet HTML 6Page - Monolithic Power Systems MP2351 Datasheet HTML 7Page - Monolithic Power Systems MP2351 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP2351
1.5A, 23V, 1.4MHz
Step-Down Converter
MP2351 Rev. 1.5
www.MonolithicPower.com
1
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2351 is a monolithic step down switch
mode converter with a built in internal power
MOSFET. It achieves 1.5A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting, short circuit frequency foldback
and thermal shutdown. In shutdown mode the
regulator draws 20µA of supply current.
The MP2351 requires a minimum number of
readily available standard external components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2351DQ-00A
2.3”X x 1.5”Y x 0.5”Z
FEATURES
• 1.5A Output Current
• 0.18Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 93% Efficiency
• 20µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 23V Operating Input Range
• Output Adjustable from 1.23V to 16V
• Programmable Under Voltage Lockout
• Frequency Synchronization Input
• Available in QFN (3mm x 3mm) and tiny
10-Pin MSOP Packages
• Evaluation Board Available
APPLICATIONS
• Distributed Power Systems
• Battery Charger
• DSL Modems
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2351
SW
IN
BS
4
2
5
7
8
6
10
9
FB
SYNC
COMP
GND
EN
VOUT
3.3V/1.5A
INPUT
4.75V - 23V
OPEN
NOT USED
OPEN
AUTOMATIC
STARTUP
MP2351_TAC_S01
C5
10nF
C3
1nF
C6
OPEN
D1
B220A
VOUT=5V
VOUT=2.5V
VOUT=3.3V
100
90
80
70
60
50
40
0
1500
300
600
900
1200
LOAD CURRENT (mA)
MP2351-EC01
Efficiency vs
Load Current


Similar Part No. - MP2351

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
205Kb / 3P
4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
More results

Similar Description - MP2351

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
EV2364DF-00A MPS-EV2364DF-00A Datasheet
220Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
EV2364DF-01A MPS-EV2364DF-01A Datasheet
214Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com