Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7025 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA7025
Description  Low-voltage 1GHz fractional-N synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7025 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA7025 Datasheet HTML 14Page - NXP Semiconductors SA7025 Datasheet HTML 15Page - NXP Semiconductors SA7025 Datasheet HTML 16Page - NXP Semiconductors SA7025 Datasheet HTML 17Page - NXP Semiconductors SA7025 Datasheet HTML 18Page - NXP Semiconductors SA7025 Datasheet HTML 19Page - NXP Semiconductors SA7025 Datasheet HTML 20Page - NXP Semiconductors SA7025 Datasheet HTML 21Page - NXP Semiconductors SA7025 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Philips Semiconductors
Product specification
SA7025
1GHz low-voltage Fractional-N synthesizer
1996 Aug 6
21
SSOP20:
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com