Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2355 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2355
Description  3A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2355 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2355_06 Datasheet HTML 2Page - Monolithic Power Systems MP2355_06 Datasheet HTML 3Page - Monolithic Power Systems MP2355_06 Datasheet HTML 4Page - Monolithic Power Systems MP2355_06 Datasheet HTML 5Page - Monolithic Power Systems MP2355_06 Datasheet HTML 6Page - Monolithic Power Systems MP2355_06 Datasheet HTML 7Page - Monolithic Power Systems MP2355_06 Datasheet HTML 8Page - Monolithic Power Systems MP2355_06 Datasheet HTML 9Page - Monolithic Power Systems MP2355_06 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP2355 – 3A, 23V, 380KHz STEP-DOWN CONVERTER
MP2355 Rev. 1.5
www.MonolithicPower.com
9
5/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
The goal of compensation design is to shape
the converter transfer function to get a desired
loop gain. The system crossover frequency
where the feedback loop has the unity gain is
important.
Lower crossover frequencies result in slower
line and load transient responses, while higher
crossover frequencies could cause system
unstable. A good rule of thumb is to set the
crossover frequency to approximately one-tenth
of the switching frequency. Switching frequency
for the MP2355 is 380KHz, so the desired
crossover frequency is around 38KHz.
Table 3 lists the typical values of compensation
components for some standard output voltages
with various output capacitors and inductors.
The values of the compensation components
have
been
optimized
for
fast
transient
responses
and
good
stability
at
given
conditions.
Table 3—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
L1
C2
R3
C3
C6
2.5V
10µH
min.
22µF
Ceramic
3.9kΩ 5.6nF
None
3.3V
15µH
min.
22µF
Ceramic
4.7kΩ 4.7nF
None
5V
15µH
min.
22µF
Ceramic
7.5kΩ 2.7nF
None
12V
22µH
min.
22µF
Ceramic
15kΩ
1.5nF
None
2.5V
10µH
min.
560µF Al.
30mΩ ESR
100kΩ
1nF
150pF
3.3V
15µH
min.
560µF Al
30mΩ ESR
120kΩ
1nF
120pF
5V
15µH
min.
470µF Al.
30mΩ ESR
150kΩ
1nF
82pF
12V
22µH
min.
220µF Al.
30mΩ ESR
169kΩ
1nF
39pF
To optimize the compensation components for
conditions not listed in Table 2, the following
procedure can be used.
1) Choose the compensation resistor (R3) to
set the desired crossover frequency. Determine
the R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
2) Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, to less than one forth
of the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
×
×
π
>
Where R3 is the compensation resistor value and
fC is the desired crossover frequency, 38KHz.
3) Determine if the second compensation
capacitor (C6) is required. It is required if the ESR
zero of the output capacitor is located at less than
half of the 380KHz switching frequency, or the
following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3 at
the location of the ESR zero. Determine the C6
value by the equation:
3
R
R
2
C
6
C
ESR
×
=
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the system has a 5V
fixed input or the power supply generates a 5V
output. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
MP2355
SW
BS
10nF
5V
MP2355_F03
Figure 3—External Bootstrap Diode
This diode is also recommended for high duty
cycle operation (when
IN
OUT
V
V
>65%) and high
output voltage (VOUT>12V) applications.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com