Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT94L33 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT94L33
Description  -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
PDF  801 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT94L33 Datasheet HTML 17Page - Exar Corporation XRT94L33 Datasheet HTML 18Page - Exar Corporation XRT94L33 Datasheet HTML 19Page - Exar Corporation XRT94L33 Datasheet HTML 20Page - Exar Corporation XRT94L33 Datasheet HTML 21Page - Exar Corporation XRT94L33 Datasheet HTML 22Page - Exar Corporation XRT94L33 Datasheet HTML 23Page - Exar Corporation XRT94L33 Datasheet HTML 24Page - Exar Corporation XRT94L33 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 801 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
--1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– S
S
S O
O
O N
N
N E
E
E T
T
T R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
21
0xN357
PMON FEBE Event Count Register – LSB
0x00
0xN358
PMON CP-Bit Error Count Register - MSB
0x00
0xN359
PMON CP-Bit Error Count Register - LSB
0x00
0xN35A – 0xN367
Reserved
0x00
0xN368
PMON PRBS Bit Error Count Register - MSB
0x00
0xN369
PMON PRBS Bit Error Count Register - LSB
0x00
0xN36A – 0xN36B
Reserved
0x00
0xN36C
PMON Holding Register
0x00
0xN36D
One Second Error Status Register
0x00
0xN36E
One Second – LCV Count Accumulator Register - MSB
0x00
0xN36F
One Second – LCV Count Accumulator Register - LSB
0x00
0xN370
One Second – Parity Error Accumulator Register - MSB
0x00
0xN371
One Second – Parity Error Accumulator Register - LSB
0x00
0xN372
One Second – CP Bit Error Accumulator Register - MSB
0x00
0xN373
One Second – CP Bit Error Accumulator Register - LSB
0x00
0xN374 – 0xN37F
Reserved
0x00
0xN380
Line Interface Drive Register
0x00
0xN381
Reserved
0x00
0xN382
Reserved
0x00
0xN383
Transmit LAPD Byte Count Register
0x00
0xN384
Receive LAPD Byte Count Register
0x00
0xN385 – 0xN3AF
Reserved
0x00
0xN3B0
Transmit LAPD Memory InAddress LocationRegister
0x00
0xN3B1
Transmit LAPD Memory Indirect Data Register
0x00
0xN3B2
Receive LAPD Memory InAddress LocationRegister
0x00
0xN3B3
Receive LAPD Memory Indirect Data Register
0x00
0xN3B4 – 0xN3EF
Reserved
0x00
0xN3F0
Receive DS3/E3 Configuration Register – Secondary Frame Synchronizer
Block – Byte 1
0x10
0xN3F1
Receive DS3/E3 Configuration Register – Secondary Frame Synchronizer
Block – Byte 0
0x10
0xN3F2
Receive DS3/E3 AIS/PDI-P Alarm Enable Register – Secondary Frame
Synchronizer Block
0x00
0xN3F3 – 0xN3F7
Reserved
0x00
0xN3F8
Receive DS3/E3 Interrupt Enable Register – Secondary Frame Synchronizer
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com