Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8016 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA8016
Description  2.5GHz low voltage fractional-N synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8016 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA8016 Datasheet HTML 1Page - NXP Semiconductors SA8016 Datasheet HTML 2Page - NXP Semiconductors SA8016 Datasheet HTML 3Page - NXP Semiconductors SA8016 Datasheet HTML 4Page - NXP Semiconductors SA8016 Datasheet HTML 5Page - NXP Semiconductors SA8016 Datasheet HTML 6Page - NXP Semiconductors SA8016 Datasheet HTML 7Page - NXP Semiconductors SA8016 Datasheet HTML 8Page - NXP Semiconductors SA8016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Product specification
SA8016
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
4
HBCC24 PIN DESCRIPTION
SYMBOL
PIN
DESCRIPTION
VDDPre
1
Prescaler supply voltage
GND
2
Digital ground
GNDPre
3
Prescaler ground
RFin+
4
RF input to main divider
RFin–
5
RF input to main divider
N/C
6
Not connected
N/C
7
Not connected
GNDCP
8
Charge pump ground
PHP
9
Main normal charge pump
N/C
10
Not connected
VDDCP
11
Charge pump supply voltage
RSET
12
External resistor from this pin to ground
sets the charge pump current
N/C
13
Not connected
N/C
14
Not connected
REFin–
15
Reference input
REFin+
16
Reference input
CLOCK
17
Programming bus clock input
DATA
18
Programming bus data input
N/C
19
Not connected
STROBE
20
Programming bus enable input
PON
21
Power down control
LOCK
22
Lock detect output
TEST
23
Test (should be either grounded or
connected to VDD)
VDD
24
Digital supply
NOTE:
1. GNDCP is connected to the die-pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com