Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2363 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2363
Description  3A, 27V, 365KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2363 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2363 Datasheet HTML 1Page - Monolithic Power Systems MP2363 Datasheet HTML 2Page - Monolithic Power Systems MP2363 Datasheet HTML 3Page - Monolithic Power Systems MP2363 Datasheet HTML 4Page - Monolithic Power Systems MP2363 Datasheet HTML 5Page - Monolithic Power Systems MP2363 Datasheet HTML 6Page - Monolithic Power Systems MP2363 Datasheet HTML 7Page - Monolithic Power Systems MP2363 Datasheet HTML 8Page - Monolithic Power Systems MP2363 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP2363 – 3A, 27V, 365KHz STEP-DOWN CONVERTER
MP2363 Rev. 1.0
www.MonolithicPower.com
3
6/15/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel MOSFET
switch. Connect a 10nF or greater capacitor from SW to BS to power the high-side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches.
Drive IN with a 4.75V to 27V power source. Bypass IN to GND with a suitably large capacitor
to eliminate noise on the input to the IC. See Input Capacitor section of Application
Information.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect
the output LC filter from SW to the output load. Note that a capacitor is required from SW to BS
to power the high-side switch.
4
GND
Ground. Connect the exposed pad on backside to Pin 4.
5
FB
Feedback Input. FB senses the output voltage to regulate said voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 0.92V. See Setting
the Output Voltage
section of Application Information.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop. In some
cases, an additional capacitor from COMP to GND is required. See Compensation section of
Application Information.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN higher than 2.71V
to turn on the regulator, lower than 0.9V to turn it off. For automatic startup, leave EN
unconnected.
8
SS
Soft Start Control Input. SS controls the soft start period. Connect a capacitor from SS to GND
to set the soft-start period. Soft-start cap is always recommended to eliminate the start-up
inrush current and for a smooth start-up waveform.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 2.5V, L = 15µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless otherwise noted.
Limit Current vs
Duty Cycle
95
90
85
80
75
70
65
60
55
50
100
95
90
85
80
75
70
65
60
55
50
LOAD CURRENT (A)
LOAD CURRENT (A)
Efficiency Curve vs
Load Current
VOUT = 3.3V
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN=9V
VIN=24V
VIN=24V
VIN=12V
Efficiency Curve vs
Load Current
VOUT = 5V
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN=12V
VIN=9V
7.0
6.5
6.0
5.5
5.0
4.5
4.0
0
0.2
0.1
0.3 0.4
0.7
0.6
0.5
DUTY CYCLE (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com